Electronic Components Datasheet Search
  English  ▼

X  

KA2161 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KA2161
Description  pal/ntsc 1 chip ic for color television
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2161 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KA2161 Datasheet HTML 4Page - Samsung semiconductor KA2161 Datasheet HTML 5Page - Samsung semiconductor KA2161 Datasheet HTML 6Page - Samsung semiconductor KA2161 Datasheet HTML 7Page - Samsung semiconductor KA2161 Datasheet HTML 8Page - Samsung semiconductor KA2161 Datasheet HTML 9Page - Samsung semiconductor KA2161 Datasheet HTML 10Page - Samsung semiconductor KA2161 Datasheet HTML 11Page - Samsung semiconductor KA2161 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
KA2161
PAL/NTSC 1 CHIP FOR C/TV
CHROMA SECTION
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
APC hold range(4.43MHz)
fHPH
300
500
-
Hz
APC hold range(4.43MHz)
fHPL
300
500
-
Hz
Freq. sensitivity(3.58MHz)
fSENN
0.5
1.0
1.5
KHz/V
Freq. sensitivity(4.43MHz)
fSENP
0.5
1.0
1.5
KHz/V
Demo. color out R(NTSC)
VM
2.9
3.6
4.7
Vp-p
Demo. color out B(NTSC)
VBN
3.3
4.0
4.7
Vp-p
Demo. color out G(NTSC)
VGN
0.9
1.4
1.9
Vp-p
Demo. color out R(PAL)
VRP
1.2
1.8
2.4
Vp-p
Demo. color out B(PAL)
VBP
2.2
2.8
3.4
Vp-p
Demo. color out G(PAL)
VGP
0.7
1.2
1.7
Vp-p
Demo relative amplitude(NSTC)
NR/B
0.8
0.9
1.1
ratio
Demo relative amplitude(NSTC)
NG/B
0.28
0.34
0.48
ratio
Demo relative amplitude(PAL)
PR/B
0.43
0.56
0.69
ratio
Demo relative amplitude(PAL)
PG/B
0.27
0.34
0.46
ratio
Demo relative phase(NTSC)
NP R/B
100
110
120
deg
Demo relative phase(NTSC)
NP G/B
225
235
245
deg
Demo relative phase(PAL)
PP R/B
78
90
96
deg
Demo relative phase(PAL)
PP G/B
226
236
246
deg
Demo residual carrier R
VRCW
-
-
20
mVp-p
Demo residual carrier G
VGCW
-
-
20
mVp-p
Demo residual carrier B
VBCW
-
-
20
mVp-p
Demo residual harmonic R
VRHC
-
-
100
mVp-p
Demo residual harmonic G
VGHC
-
-
100
mVp-p
Demo residual harmonic B
VBHC
-
-
100
mVp-p
Demo output band width R
fR
1.0
1.8
3.0
MHz
Demo output band width G
fG
1.0
1.8
3.0
MHz
Demo output band width B
fB
1.0
1.8
3.0
MHz
Demo output difference
VCOL1
-0.3
0
0.3
V
Demo output difference
VCOL2
-0.3
0
0.3
V
Demo output difference
VCOL3
-0.3
0
0.3
V
D.L amp characteristic
VDL
0.7
1.3
2.1
Vp-p
Sweeper amplitude
SV1
4.5
5.0
5.5
V
Sweeper amplitude
SV2
3.5
4.0
4.5
V
Sweeper amplitude
SV3
0.8
1.0
1.4
V
Sweeper period
ST1
60
110
140
msec
Sweeper period
ST2
50
100
120
msec
Sweeper period
ST3
5
10
15
msec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com