Electronic Components Datasheet Search
  English  ▼

X  

KA2161 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KA2161
Description  pal/ntsc 1 chip ic for color television
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2161 Datasheet(HTML) 4 Page - Samsung semiconductor

  KA2161 Datasheet HTML 1Page - Samsung semiconductor KA2161 Datasheet HTML 2Page - Samsung semiconductor KA2161 Datasheet HTML 3Page - Samsung semiconductor KA2161 Datasheet HTML 4Page - Samsung semiconductor KA2161 Datasheet HTML 5Page - Samsung semiconductor KA2161 Datasheet HTML 6Page - Samsung semiconductor KA2161 Datasheet HTML 7Page - Samsung semiconductor KA2161 Datasheet HTML 8Page - Samsung semiconductor KA2161 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
KA2161
PAL/NTSC 1 CHIP FOR C/TV
ABSOLUTE MAXIMUM RATINGS (TA=25
°C)
ELECTRICAL CHARACTERISTICS (TA=25
°C, V
CC=9V)
DC CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Supply Voltage
VCCmax
12
V
Supply current
ICCmax
175
mA
Power dissipation
PDmax
2.1
W
Operating Temperature
TOPR
-20~+70
°C
Storage Temperature
TSTG
-55~+150
°C
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Max. total current
ICCmax
-
175
-
mA
Total current
ICC
-
135
-
mA
ATT. input voltage
V1
3.3
3.8
4.5
V
Sound N.F input voltage
V2
3.3
3.9
4.5
V
FM Det. output voltage
V3
3.3
3.8
4.5
V
SIF tank input voltage
V4
2.7
3.2
3.7
V
SIF limiter output voltage
V5
3.3
3.8
4.3
V
IF AGC filter voltage (1)
V6
7.8
8.5
-
V
VIF input voltage
V9
3.6
4.1
4.6
V
VIF input voltage
V10
3.6
4.1
4.6
V
VIF Output voltage
V43
4.0
4.5
5.0
V
VIF tank input voltage
V45
6.1
6.6
7.1
V
VIF tank input voltage
V46
6.1
6.6
7.1
V
AFT tank input voltage
V47
2.5
3.0
3.5
V
SIF input voltage
V49
2.5
3.0
3.5
V
Sound output voltage
V53
3.8
4.3
4.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com