Electronic Components Datasheet Search
  English  ▼

X  

KA2161 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # KA2161
Description  pal/ntsc 1 chip ic for color television
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2161 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button KA2161 Datasheet HTML 5Page - Samsung semiconductor KA2161 Datasheet HTML 6Page - Samsung semiconductor KA2161 Datasheet HTML 7Page - Samsung semiconductor KA2161 Datasheet HTML 8Page - Samsung semiconductor KA2161 Datasheet HTML 9Page - Samsung semiconductor KA2161 Datasheet HTML 10Page - Samsung semiconductor KA2161 Datasheet HTML 11Page - Samsung semiconductor KA2161 Datasheet HTML 12Page - Samsung semiconductor KA2161 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
KA2161
PAL/NTSC 1 CHIP FOR C/TV
DEFLECTION SECTION
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Sync. sep. sensitivity current
IIN
10
20
30
µA
H AFC phase det. current
ID
200
300
400
µA
32fH VCO starting voltage
VFH
2.0
3.0
4.0
V
H out osc. starting voltage
VH
4.0
4.4
5.0
V
H free running frequency
fH
15.4
15.6
15.7
KHz
H pull in range
fHPULL
+/-500
-
-
Hz
H hold range
fHHOLD
+/-500
-
-
Hz
H pulse duty
TH
41
43
45
%
X-ray protector voltage
V20
1.1
1.3
1.5
V
X-ray protector hold voltage
VH20
-
-
1.2
V
H output voltage (H)
VHH
4.7
5.0
5.3
V
H output voltage (L)
VHL
-
0
0.1
V
V output duty
TV
9
10
11
%
V output voltage (H)
VVH
4.7
5.0
5.3
V
V output voltage (L)
VVL
-
0
0.1
V
V pull in range(50Hz)
fVPP1
52
60
-
Hz
fVPP2
-
44
49
Hz
V pull in range(60Hz)
fVPN1
62
67
-
Hz
fVPN2
-
53
58
Hz
V free running freq(50Hz)
fVP1
40
44
48
Hz
V free running freq. (60Hz)
fVN
49
53
58
Hz
50/60Hz S/W voltage (50)
VSP
5.0
6.0
6.5
V
50/60Hz S/W voltage (60)
VSN
2.5
3.0
3.5
V
50/60Hz S/W voltage (50)
VIP
4.5
5.0
5.5
V
50/60Hz S/W voltage (60)
VIN
0.5
1.0
1.5
V
H osc. control sensitivity
SH
2.0
4.0
6.0
Hz/mV
Phase det. stop period(50)
TPP1
TPP2
290
3
309
5
-
-
Hz
Hz
Phase det. stop period(60)
TPN1
TPN2
240
3
259
5
-
-
Hz
Hz
Service S/W vert. voltage
AFC voltage drift
VSV
VD
-
-
-
-
0.5
+/-0.6
Vp-p
V
Osc. supply voltage drift
VOSC
-
-
3
%
32 fH voltage
V24
4.0
5.0
+/6.0
V
AFC filter current
IAFC
30
7.
140
µA
AFC filter voltage
V23
6.5
7.3
8.0
V
Sync. sep. in voltage
V36
2.2
2.7
3.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com