Electronic Components Datasheet Search
  English  ▼

X  

KA2161 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # KA2161
Description  pal/ntsc 1 chip ic for color television
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2161 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button KA2161 Datasheet HTML 9Page - Samsung semiconductor KA2161 Datasheet HTML 10Page - Samsung semiconductor KA2161 Datasheet HTML 11Page - Samsung semiconductor KA2161 Datasheet HTML 12Page - Samsung semiconductor KA2161 Datasheet HTML 13Page - Samsung semiconductor KA2161 Datasheet HTML 14Page - Samsung semiconductor KA2161 Datasheet HTML 15Page - Samsung semiconductor KA2161 Datasheet HTML 16Page - Samsung semiconductor KA2161 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
KA2161
PAL/NTSC 1 CHIP FOR C/TV
PIN DESCRIPTION
PIN
No.
FUNCTION
DESCRIPTION
EQUIVALENT CIRCUIT
16
17
18
R-Y OUT
B-Y OUT
G-Y OUT
Color output terminals
for color differential signal.
19
-Y OUT
Terminal for -Y signal.
20
X-RAY
protect IN
Terminal for X-ray protect
turns on 1.4V
Detected over voltage in
CRT, X-ray protect stops
oscillating the Hori. out
21
FBP IN
Terminal for FBP input
FBP signals are supplied
from FBT.
In order to synchronize Hori.
scanning, The AFC compares
Hori. sync with FBP signals.
Demodulator
19
21
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com