Electronic Components Datasheet Search
  English  ▼

X  

KB8527 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KB8527
Description  1 CHIP CLP SUBSYSTEM IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB8527 Datasheet(HTML) 5 Page - Samsung semiconductor

  KB8527 Datasheet HTML 1Page - Samsung semiconductor KB8527 Datasheet HTML 2Page - Samsung semiconductor KB8527 Datasheet HTML 3Page - Samsung semiconductor KB8527 Datasheet HTML 4Page - Samsung semiconductor KB8527 Datasheet HTML 5Page - Samsung semiconductor KB8527 Datasheet HTML 6Page - Samsung semiconductor KB8527 Datasheet HTML 7Page - Samsung semiconductor KB8527 Datasheet HTML 8Page - Samsung semiconductor KB8527 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
KB8527B
1 CHIP CLP SUBSYSTEM IC
Converts waveform from the full wave rectifier to DC element at the rectifier block
of Compressor. ( RC = 33 msec )
12
CRC
Pre - amp inverting input terminal of Compressor.
Adjusts the negative feedback loop gain. ( in application, gain is 5 )
13
CPI -
Pin No
Symbol
Description
Pre - amp non - inverting input terminal of Compressor.
Used as an input terminal for voice signals.
14
CPI +
Output terminal of speaker amp 2.
This signal is the same as SAO1 output, but phase difference is 180o
for SAO1.
DC voltage level is ( Vcc - 0.7V ) / 2.
SAO 2
15
GND
(COMP)
Ground.
Ground of Compandor.
Vcc
(COMP)
16
Supply voltage.
Power supply terminal of Compandor.
17
18
SAO 1
Output terminal of Speaker amp 1.
DC voltage level is ( Vcc - 0.7V ) / 2.
21
ERC
Converts waveform from the full wave rectifier to DC element at the rectifier block
of Expander. ( RC = 33 msec )
22
EPI -
Pre - amp inverting input terminal of Expander.
Adjusts the negative feedback loop gain. ( in application, gain is 5 )
19
SAI
Speaker Amp 1 input terminal.
Between this terminal and Expander output terminal, uses a AC coupled.
20
EO
Output terminal of Expander, from which a regenerated voice signals are emitted.
23
ALC
Reference current input terminal of Automatic Level Control ( ALC) ; Adjusts THD
of compressor output voltage to less than 3 % or limites the frequency deviation
of TX if the input is higher than a certain level. The ALC circuit may be turned
off depending on the ALC reference current or the magnitude of output voltage
may be limited if it is higher than a certain level. ( Iref = 8uA, Ralc = 120K
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com