Electronic Components Datasheet Search
  English  ▼

X  

KB8527 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KB8527
Description  1 CHIP CLP SUBSYSTEM IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB8527 Datasheet(HTML) 4 Page - Samsung semiconductor

  KB8527 Datasheet HTML 1Page - Samsung semiconductor KB8527 Datasheet HTML 2Page - Samsung semiconductor KB8527 Datasheet HTML 3Page - Samsung semiconductor KB8527 Datasheet HTML 4Page - Samsung semiconductor KB8527 Datasheet HTML 5Page - Samsung semiconductor KB8527 Datasheet HTML 6Page - Samsung semiconductor KB8527 Datasheet HTML 7Page - Samsung semiconductor KB8527 Datasheet HTML 8Page - Samsung semiconductor KB8527 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
KB8527B
1 CHIP CLP SUBSYSTEM IC
PIN DESCRIPTION
Pin No
Symbol
Description
1
CO
Compressor output terminal of compandor ; connected to the splatter filter amp
input terminal.
2
PDT
Phase detector output terminal of the transmitter at PLL.
If f
TX > fREF or fTX is leading
the output is negative pulse
If f
TX < fREF or fTX is lagging
the output is positive Pulse
if f
TX = fREF and the same phase
the output is High Impedance
3
4
5
LDT/
CDO
GNDPLL
Ground.
Ground of logic section at PLL.
LBD
Low Battery Detecting output. ( Selectable 3.45V, 3.3V, 3.0V, 2.2V, 2.0V ).
During the normal operation, output level is low, but it is high at low battery
detection. As this pin is an open collector type, it requires a pull - up resister.
These pins are serial interface terminals for programming reference counter,
auxiliary reference counter, TX channel counter, RX channel counter and control
block that controls internal each block with test mode and power saving mode.
CLK
7
8
9
DATA
EN
10
This pin bypasses AC elements at the feedback loop which come from the SUM
amp block of COMPRESSOR. A capacitor should be connected between this ter-
minal and GND. ( C = 2.2 uF )
11
AGIC
Input terminal of Splatter filter amp.
SFI
SFO
Output terminal of Splatter filter amp.
LDT : Output terminal of transmitter lock detector in PLL block. Output is low
if PLL is in lock state and is high if PLL is in unlock state.
CDO : As an output terminal of the carrier detector buffer, connected to (RSSI )
terminal of MICOM. This pin outputs the contents of Meter Driver buffer
which is turned on / off, according to the signal level detected by Meter
Driver.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com