Electronic Components Datasheet Search
  English  ▼

X  

PC100 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # PC100
Description  PC100 SDRAM MODULE Preliminary
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

PC100 Datasheet(HTML) 5 Page - Samsung semiconductor

  PC100 Datasheet HTML 1Page - Samsung semiconductor PC100 Datasheet HTML 2Page - Samsung semiconductor PC100 Datasheet HTML 3Page - Samsung semiconductor PC100 Datasheet HTML 4Page - Samsung semiconductor PC100 Datasheet HTML 5Page - Samsung semiconductor PC100 Datasheet HTML 6Page - Samsung semiconductor PC100 Datasheet HTML 7Page - Samsung semiconductor PC100 Datasheet HTML 8Page - Samsung semiconductor PC100 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PC100 SDRAM MODULE
KMM366S1623CT
REV. 1 June 1998
Preliminary
1. Measured with outputs open.
2. Refresh period is 64ms.
Notes :
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
CAS
Latency
Version
Unit
Note
-8
-H
-L
Operating current
(one Bank Active)
ICC1
Burst length =1
tRC
≥ tRC(min)
IOL = 0 mA
760
720
720
mA
1
Precharge standby current in
power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 15ns
16
mA
ICC2PS
CKE & CLK
≤ VIL(max), tCC = ∞
16
Precharge standby current in
non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
192
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
96
Active standby current in
power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 15ns
32
mA
ICC3PS
CKE & CLK
≤ VIL(max), tCC = ∞
32
Active standby current in
non power-down mode
(One bank active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
320
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
160
mA
Operating current
(Burst mode)
ICC4
IOL = 0 mA
Page burst
2Banks activated
tCCD = 2CLKs
3
920
760
760
mA
1
2
760
760
720
Refresh current
ICC5
tRC
≥ tRC(min)
2,000
mA
2
Self refresh current
ICC6
CKE
≤ 0.2V
16
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com