Electronic Components Datasheet Search
  English  ▼

X  

PC100 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # PC100
Description  PC100 SDRAM MODULE Preliminary
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

PC100 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button PC100 Datasheet HTML 2Page - Samsung semiconductor PC100 Datasheet HTML 3Page - Samsung semiconductor PC100 Datasheet HTML 4Page - Samsung semiconductor PC100 Datasheet HTML 5Page - Samsung semiconductor PC100 Datasheet HTML 6Page - Samsung semiconductor PC100 Datasheet HTML 7Page - Samsung semiconductor PC100 Datasheet HTML 8Page - Samsung semiconductor PC100 Datasheet HTML 9Page - Samsung semiconductor PC100 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PC100 SDRAM MODULE
KMM366S1623CT
REV. 1 June 1998
Preliminary
REFER TO THE INDIVIDUAL COMPONENET, NOT THE WHOLE MODULE.
Parameter
Symbol
-8
-H
-L
Unit
Note
Min
Max
Min
Max
Min
Max
CLK cycle time
CAS latency=3
tCC
8
1000
10
1000
10
1000
ns
1
CAS latency=2
10
10
12
CLK to valid
output delay
CAS latency=3
tSAC
6
6
6
ns
1,2
CAS latency=2
6
6
7
Output data
hold time
CAS latency=3
tOH
3
3
3
ns
2
CAS latency=2
3
3
3
CLK high pulse width
tCH
3
3
3
ns
3
CLK low pulse width
tCL
3
3
3
ns
3
Input setup time
tSS
2
2
2
ns
3
Input hold time
tSH
1
1
1
ns
3
CLK to output in Low-Z
tSLZ
1
1
1
ns
2
CLK to output
in Hi-Z
CAS latency=3
tSHZ
6
6
6
ns
CAS latency=2
6
6
7
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., [(tr + tf)/2-1]ns should be added to the parameter.
Notes :
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com