Electronic Components Datasheet Search
  English  ▼

X  

PC100 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # PC100
Description  PC100 SDRAM MODULE Preliminary
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

PC100 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button PC100 Datasheet HTML 2Page - Samsung semiconductor PC100 Datasheet HTML 3Page - Samsung semiconductor PC100 Datasheet HTML 4Page - Samsung semiconductor PC100 Datasheet HTML 5Page - Samsung semiconductor PC100 Datasheet HTML 6Page - Samsung semiconductor PC100 Datasheet HTML 7Page - Samsung semiconductor PC100 Datasheet HTML 8Page - Samsung semiconductor PC100 Datasheet HTML 9Page - Samsung semiconductor PC100 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PC100 SDRAM MODULE
KMM366S1623CT
REV. 1 June 1998
Preliminary
FREQUENCY vs. AC PARAMETER RELATIONSHIP TABLE
KMM366S1623CT- G8
Frequency
CAS
Latency
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
68ns
48ns
20ns
16ns
20ns
8ns
8ns
8ns
125MHz (8.0ns)
3
9
6
3
2
3
1
1
1
100MHz (10.0ns)
3
7
5
2
2
2
1
1
1
83MHz (12.0ns)
2
6
4
2
2
2
1
1
1
75MHz (13.0ns)
2
6
4
2
2
2
1
1
1
66MHz (15.0ns)
2
5
4
2
2
2
1
1
1
(Unit : Number of clock)
KMM366S1623CT- GH
Frequency
CAS
Latency
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
70ns
50ns
20ns
20ns
20ns
10ns
10ns
10ns
100MHz (10.0ns)
2
7
5
2
2
2
1
1
1
83MHz (12.0ns)
2
6
5
2
2
2
1
1
1
75MHz (13.0ns)
2
6
4
2
2
2
1
1
1
66MHz (15.0ns)
2
5
4
2
2
2
1
1
1
60MHz (16.7ns)
2
5
3
2
2
2
1
1
1
(Unit : Number of clock)
KMM366S1623CT- GL
Frequency
CAS
Latency
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
70ns
50ns
20ns
20ns
20ns
10ns
10ns
10ns
100MHz (10.0ns)
3
7
5
2
2
2
1
1
1
83MHz (12.0ns)
2
6
5
2
2
2
1
1
1
75MHz (13.0ns)
2
6
4
2
2
2
1
1
1
66MHz (15.0ns)
2
5
4
2
2
2
1
1
1
60MHz (16.7ns)
2
5
3
2
2
2
1
1
1
(Unit : Number of clock)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com