Electronic Components Datasheet Search
  English  ▼

X  

PC100 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # PC100
Description  PC100 SDRAM MODULE Preliminary
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

PC100 Datasheet(HTML) 4 Page - Samsung semiconductor

  PC100 Datasheet HTML 1Page - Samsung semiconductor PC100 Datasheet HTML 2Page - Samsung semiconductor PC100 Datasheet HTML 3Page - Samsung semiconductor PC100 Datasheet HTML 4Page - Samsung semiconductor PC100 Datasheet HTML 5Page - Samsung semiconductor PC100 Datasheet HTML 6Page - Samsung semiconductor PC100 Datasheet HTML 7Page - Samsung semiconductor PC100 Datasheet HTML 8Page - Samsung semiconductor PC100 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PC100 SDRAM MODULE
KMM366S1623CT
REV. 1 June 1998
Preliminary
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD supply relative to Vss
VDD, VDDQ
-1.0 ~ 4.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
16
W
Short circuit current
IOS
50
mA
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Note :
DC OPERATING CONDITIONS AND CHARACTERISTICS
CAPACITANCE (VDD = 3.3V, TA = 23
°C, f = 1MHz, VREF = 1.4V ± 200 mV)
Pin
Symbol
Min
Max
Unit
Address (A0 ~ A11, BA0 ~ BA1)
RAS, CAS, WE
CKE (CKE0 ~ CKE1)
Clock (CLK0 ~ CLK3)
CS (CS0, CS2)
DQM (DQM0 ~ DQM7)
DQ (DQ0 ~ DQ63)
CADD
CIN
CCKE
CCLK
CCS
CDQM
COUT
60
60
35
25
25
15
10
90
90
55
35
35
25
20
pF
pF
pF
pF
pF
pF
pF
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
Input logic high voltage
VIH
2.0
3.0
VDDQ+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output logic low voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current (Inputs)
IIL
-16
-
16
uA
3
Input leakage current (I/O pins)
IIL
-3
-
3
uA
3,4
1. VIH (max) = 5.6V AC. The overshoot voltage duration is
≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is
≤ 3ns.
3. Any input 0V
≤ VIN ≤ VDDQ.
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
4. Dout is disabled, 0V
≤ VOUT ≤ VDDQ.
Note :



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com