Electronic Components Datasheet Search
  English  ▼

X  

S3P9648 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # S3P9648
Description  SAM87RI family of 8-bit single-chip CMOS microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P9648 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button S3P9648 Datasheet HTML 9Page - Samsung semiconductor S3P9648 Datasheet HTML 10Page - Samsung semiconductor S3P9648 Datasheet HTML 11Page - Samsung semiconductor S3P9648 Datasheet HTML 12Page - Samsung semiconductor S3P9648 Datasheet HTML 13Page - Samsung semiconductor S3P9648 Datasheet HTML 14Page - Samsung semiconductor S3P9648 Datasheet HTML 15Page - Samsung semiconductor S3P9648 Datasheet HTML 16Page - Samsung semiconductor S3P9648 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
S3C9644/C9648/P9648
ELECTRICAL DATA
12-3
Table 12-2. D.C. Electrical Characteristics
(T
A = – 40 °C to + 85 °C, VDD = 4.0 V to 5.25 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Voltage
V
DD
f
OSC = 6 MHz
(instruction clock = 1 MHz)
4.0
5.0
5.25
V
Input High Voltage
V
IH1
All input pins except V
IH2
0.8 V
DD
–
V
DD
V
V
IH2
X
IN
V
DD – 0.5
V
DD
V
IH3
RESET
0.5V
DD
Input Low Voltage
V
IL1
All input pins except V
IL2
–
–
0.2 V
DD
V
V
IL2
X
IN
0.4
V
IL2
RESET
0.5V
DD
Output High
Voltage
V
OH
I
OH = – 200 µA; All output
ports except ports 0, 1 and 2,
D+, D–
V
DD – 1.0
–
–
V
Output Low Voltage
V
OL
I
OL = 1 mA
All output port except D+, D–
–
–
0.4
V
Output Low Current
I
OL
V
OL = 3V
Port 3 only
8
15
23
mA
Input High
Leakage Current
I
LIH1
(3)
V
IN = VDD
All inputs except I
LIH2
except D+, D–
–
–
3
µA
I
LIH2
(3)
V
IN = VDD
X
IN, XOUT, RESET
–
–
20
µA
Input Low
Leakage Current
I
LIL1
(3)
V
IN = 0 V
All inputs except I
LIL2
except D+, D–
–
–
– 3
µA
I
LIL2
(3)
V
IN = 0 V
X
IN, XOUT, RESET
–
–
– 20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com