Electronic Components Datasheet Search
  English  ▼

X  

S3P9648 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S3P9648
Description  SAM87RI family of 8-bit single-chip CMOS microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P9648 Datasheet(HTML) 2 Page - Samsung semiconductor

  S3P9648 Datasheet HTML 1Page - Samsung semiconductor S3P9648 Datasheet HTML 2Page - Samsung semiconductor S3P9648 Datasheet HTML 3Page - Samsung semiconductor S3P9648 Datasheet HTML 4Page - Samsung semiconductor S3P9648 Datasheet HTML 5Page - Samsung semiconductor S3P9648 Datasheet HTML 6Page - Samsung semiconductor S3P9648 Datasheet HTML 7Page - Samsung semiconductor S3P9648 Datasheet HTML 8Page - Samsung semiconductor S3P9648 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
PRODUCT OVERVIEW
S3C9644/C9648/P9648
1-2
FEATURES
CPU
•
SAM87RI CPU core
Memory
•
4/8K-byte internal program memory (ROM)
•
208-byte RAM
Instruction Set
•
41 instructions
•
IDLE and STOP instructions added for power-
down modes
Instruction Execution Time
•
1.0
µs at 6 MHz f
OSC
Interrupts
•
25 interrupt sources with one vector, each
source has its pending bit
•
One level, one vector interrupt structure
Oscillation Circuit
•
6 MHz crystal/ceramic oscillator
•
External clock source (6 MHz)
General I/O
•
Bit programmable five I/O ports (34 pins total)
— (D+/PS2, D-/PS2 Included)
Timer/Counter
•
One 8-bit basic timer for watchdog function and
programmable oscillation stabilization interval
generation function
•
One 8-bit timer/counter with Compare/Overflow
USB Serial Bus
•
Compatible to USB low speed (1.5 Mbps) device
1.0 specification.
•
1 Control endpoint and 2 Data endpoint
•
Serial bus interface engine (SIE)
— Packet decoding/generation
— CRC generation and checking
— NRZI encoding/decoding and bit-stuffing
•
8 bytes each receive/transmit USB buffer
Operating Temperature Range
•
– 40 _C to + 85 _C
Operating Voltage Range
•
4.0 V to 5.25 V
Package Types
•
42-pin SDIP
•
44-pin QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com