Electronic Components Datasheet Search
  English  ▼

X  

S3P9648 Datasheet(PDF) 18 Page - Samsung semiconductor

Part # S3P9648
Description  SAM87RI family of 8-bit single-chip CMOS microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P9648 Datasheet(HTML) 18 Page - Samsung semiconductor

Back Button S3P9648 Datasheet HTML 14Page - Samsung semiconductor S3P9648 Datasheet HTML 15Page - Samsung semiconductor S3P9648 Datasheet HTML 16Page - Samsung semiconductor S3P9648 Datasheet HTML 17Page - Samsung semiconductor S3P9648 Datasheet HTML 18Page - Samsung semiconductor S3P9648 Datasheet HTML 19Page - Samsung semiconductor S3P9648 Datasheet HTML 20Page - Samsung semiconductor S3P9648 Datasheet HTML 21Page - Samsung semiconductor S3P9648 Datasheet HTML 22Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
ELECTRICAL DATA
S3C9644/C9648/P9648
12-8
tWAIT
VDD
RESET
Execution Of
Stop Instruction
VDDDR
Data Retention
Mode
Stop Mode
Internal Reset
Operation
Idle Mode
(Basic Timer
Active)
0.5 VDD
0.5 V DD
Normal
Operating
Mode
Figure 12-4. Stop Mode Release Timing When Initiated by a Reset
tWAIT
VDD
External
Interrupt
Execution Of
Stop Instruction
VDDDR
Data Retention Mode
Stop Mode
Idle Mode
(Basic Timer
Active)
0.8 V DD
0.2 V DD
Normal
Operating
Mode
Figure 12-5. Stop Mode Release Timing When Initiated by an External Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com