Electronic Components Datasheet Search
  English  ▼

X  

S3P9648 Datasheet(PDF) 26 Page - Samsung semiconductor

Part # S3P9648
Description  SAM87RI family of 8-bit single-chip CMOS microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P9648 Datasheet(HTML) 26 Page - Samsung semiconductor

Back Button S3P9648 Datasheet HTML 18Page - Samsung semiconductor S3P9648 Datasheet HTML 19Page - Samsung semiconductor S3P9648 Datasheet HTML 20Page - Samsung semiconductor S3P9648 Datasheet HTML 21Page - Samsung semiconductor S3P9648 Datasheet HTML 22Page - Samsung semiconductor S3P9648 Datasheet HTML 23Page - Samsung semiconductor S3P9648 Datasheet HTML 24Page - Samsung semiconductor S3P9648 Datasheet HTML 25Page - Samsung semiconductor S3P9648 Datasheet HTML 26Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
S3C9644/C9648/P9648
S3P9648 OTP
14-5
Table 14-4. D.C. Electrical Characteristics
(T
A = – 40
_C to + 85_C, V
DD = 4.0 V to 5.25 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Current
(note)
I
DD1
Normal mode;
6 MHz CPU clock
–
5.5
12
mA
I
DD2
Idle mode;
6 MHz CPU clock
2.2
5
I
DD3
Stop mode
180
300
µA
NOTE: Supply current does not include current drawn through internal pull-up resistors or external output current loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com