Electronic Components Datasheet Search
  English  ▼

X  

SLA7021 Datasheet(PDF) 7 Page - Sanken electric

Part # SLA7021
Description  Unipolar Driver ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7021 Datasheet(HTML) 7 Page - Sanken electric

Back Button SLA7021 Datasheet HTML 2Page - Sanken electric SLA7021 Datasheet HTML 3Page - Sanken electric SLA7021 Datasheet HTML 4Page - Sanken electric SLA7021 Datasheet HTML 5Page - Sanken electric SLA7021 Datasheet HTML 6Page - Sanken electric SLA7021 Datasheet HTML 7Page - Sanken electric SLA7021 Datasheet HTML 8Page - Sanken electric SLA7021 Datasheet HTML 9Page - Sanken electric SLA7021 Datasheet HTML 10Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
20
SLA7024M, SLA7026M, SLA7027MU, SLA7022MU, SLA7029M,
SMA7022MU, SMA7029M, SLA7020M, SLA7021M and SDK03M
Application Note
Fig. 12 Temperature rise curve
Comparison of losses
0
Supply voltage VCC (V)
8
7
6
5
4
3
2
1
0
10
20
30
40
50
Motor : 23LM-C202
IO : Output current
2-phase excitation,
holding mode
IO=1A
IO=1A
SLA7024M, SLA7029M,
SMA7029M and SLA7020M
Sanken product : SI-7300A
∆Tj
SLA7000M series
1
0
2345
∆TC
Natural cooling
Without heatsink
150
100
50
0
Total power (W)
∆T
j
SMA7000M series
1
02
3
4
∆T
C
Natural cooling
Without heatsink
150
100
50
0
Total power (W)
SDK03M
1
02
3
∆T
C
Glass epoxy board
(mounted on level surface)
(95
×69×1.2mm)
Natural cooling
150
100
50
0
Total power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com