Electronic Components Datasheet Search
  English  ▼

X  

SLA7021 Datasheet(PDF) 3 Page - Sanken electric

Part # SLA7021
Description  Unipolar Driver ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7021 Datasheet(HTML) 3 Page - Sanken electric

  SLA7021 Datasheet HTML 1Page - Sanken electric SLA7021 Datasheet HTML 2Page - Sanken electric SLA7021 Datasheet HTML 3Page - Sanken electric SLA7021 Datasheet HTML 4Page - Sanken electric SLA7021 Datasheet HTML 5Page - Sanken electric SLA7021 Datasheet HTML 6Page - Sanken electric SLA7021 Datasheet HTML 7Page - Sanken electric SLA7021 Datasheet HTML 8Page - Sanken electric SLA7021 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
14
SLA7020M and SLA7021M
s Diagram of standard external circuit (Recommended circuit constants)
s External dimensions
(Unit: mm)
Excitation signal time chart
2-phase excitation
clock
01230
1
INA
HH
L
L
H
H
INB
LH
H
L
L
H
1-2 phase excitation
clock
0
1
2
3
4
5
6
7
0
1
2
3
INA
H HHH
L
L
L
L
HH HH
tdA
L
L
LH
L
L
LH
L
L
LH
INB
L
L
HH HH
L
L
L
L
HH
tdB
L
H
LL
L
H
LL
L
H
LL
• tdA and tdB are signals before the inverter stage.
r1
510
Ω
r2
100
Ω (VR)
r3
47k
Ω
r4
47k
Ω
r5
2.4k
Ω
r6
2.4k
Ω
C1 470pF
C2 470pF
C3 2200pF
C4 2200pF
7020M
7021M
Da. Db
EK03
RK34
Rs
1
Ω typ
0.68
Ω typ
Forming number No. 853
Forming number No. 855
Epoxy resin package
81
6
10
15
VS
OUTA OUTB
OUTB
OUTA
RSA REFA REFB RSB
GA
GB
7
3 13
9
4
12
C4
r6
r5
r2
r1
r4
r3
C1
C2
TdA
TdB
INA
INB
INA
INB
5
14
VCC (46V max)
VREF (5V)
Rs
Rs
C3
SLA7020M
SLA7021M
11
2
Open
collector
tdA
tdB
Db
VS (10~30V)
Da
31±0.2
24.4±0.2
16.4±0.2
3.2±0.15
φ
Type No.
Lot No.
3.2±0.15
×3.8
φ
4.8±0.2
1.7±0.1
2.45±0.2
R-End
0.55
+0.2
–0.1
4±0.7
1.15
+0.2
–0.1
14
×P2.03±0.7=28.42±1.0
0.65
+0.2
–0.1
31.3±0.2
1 2 3 ······· 15
12 3 ······· 15
14
×P2.03±0.4=28.42±0.8
0.65
+0.2
–0.1
2.2±0.4
6.3±0.6
7.5±0.6
1.15
+0.2
–0.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com