Electronic Components Datasheet Search
  English  ▼

X  

SLA7021 Datasheet(PDF) 5 Page - Sanken electric

Part # SLA7021
Description  Unipolar Driver ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7021 Datasheet(HTML) 5 Page - Sanken electric

  SLA7021 Datasheet HTML 1Page - Sanken electric SLA7021 Datasheet HTML 2Page - Sanken electric SLA7021 Datasheet HTML 3Page - Sanken electric SLA7021 Datasheet HTML 4Page - Sanken electric SLA7021 Datasheet HTML 5Page - Sanken electric SLA7021 Datasheet HTML 6Page - Sanken electric SLA7021 Datasheet HTML 7Page - Sanken electric SLA7021 Datasheet HTML 8Page - Sanken electric SLA7021 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
18
SLA7024M, SLA7026M, SLA7027MU, SLA7022MU, SLA7029M,
SMA7022MU, SMA7029M, SLA7020M, SLA7021M and SDK03M
Application Note
Fig. 6 Circuit for fixing the coil current
Fig. 7 Circuit for fixing the coil current
Fig. 8 and 9 show the graphs of equations q and w ,
respectively.
Fig. 8 Output current Io vs. Current detection resistor Rs
Fig. 9 Output current lOPD vs. Variable current resistor rx
NOTE:
Ringing noise is produced in the current detection resistor
Rs when the MOSFET is switched ON and OFF through
chopping. This noise is also generated in feedback signals
from Rs which may therefore causes the comparator to
malfunction.
To prevent chopping malfunctions, r5(r6) and C3(C4) are
added in order to act as noise filter.
However, when the values of these constants are increased,
the response from Rs to the comparator becomes slow.
Hence, the value of the output current lo is higher to some
extent than the computed value.
SLA7024M
SLA7026M
SLA7027MU
C3
r2
r1
r6
r5
Vb(5V)
9,(10)
3,(14)
rX
Tr
Power down
signal
SDK03M
RS
C3
r2
r1
r6
r5
Vb(5V)
10
3
rX
Tr
Power down
signal
13 15
4
3
2
1
0
01234
Current detection resistor RS (
Ω)
SLA7024M, SLA7026M, SLA7029M, SLA7027MU,
SLA7022MU, SLA7020M, SLA7021M, SMA7029M,
SMA7022MU, SDK03M
IO=
r1+r2
RS
r1=510
Ω
r2=100
Ω
rx=
∞
Vb=5V
r2
·
Vb
2
1.5
1
0.5
00
2.0
4.0
6.0
8.00
Variable current resistor rX (
Ω)
SLA7024M, SLA7026M, SLA7029M, SLA7027MU, SLA7022MU,
SLA7020M, SLA7021M, SMA7029M, SMA7022MU, SDK03M
1000
1200
RS =0.5
Ω
RS =0.8
Ω
RS =1
Ω
IOPD=
1+
RS
r1=510
Ω
r2=100
Ω
Vb=5V
1
·
Vb
r1(r2+rX)
r2 · rX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com