Electronic Components Datasheet Search
  English  ▼

X  

SLA7021 Datasheet(PDF) 4 Page - Sanken electric

Part # SLA7021
Description  Unipolar Driver ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7021 Datasheet(HTML) 4 Page - Sanken electric

  SLA7021 Datasheet HTML 1Page - Sanken electric SLA7021 Datasheet HTML 2Page - Sanken electric SLA7021 Datasheet HTML 3Page - Sanken electric SLA7021 Datasheet HTML 4Page - Sanken electric SLA7021 Datasheet HTML 5Page - Sanken electric SLA7021 Datasheet HTML 6Page - Sanken electric SLA7021 Datasheet HTML 7Page - Sanken electric SLA7021 Datasheet HTML 8Page - Sanken electric SLA7021 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
17
SLA7024M, SLA7026M, SLA7027MU, SLA7022MU, SLA7029M,
SMA7022MU, SMA7029M, SLA7020M, SLA7021M and SDK03M
Fig. 1 Waveform of coil current (Phase A excitation ON)
Fig. 3 Circuit for fixing the coil current
Fig. 4 Circuit for fixing the coil current
Fig. 5 Circuit for fixing the coil current
Fig. 2 Circuit for fixing the coil current
Application Note
s Determining the output current
Fig. 1 shows the waveform of the output current (motor coil
current). The method of determining the peak value (lo) of
the output current based on this waveform is shown below.
<Parameters for determining the output current lo>
Vb
: Reference supply voltage
r1, r2
: Voltage-divider resistors for the reference supply
voltage
Rs
: Current detection resistor
(1) Normal rotation mode
lo is determined as follows when current flows at the
maximum level during motor rotation. See Fig. 2, 3 and
4.
r2
Vb
lo =
•
...................................................
q
r1+r2
Rs
(2) Power down mode
The circuits in Fig. 5, 6 and 7 (rx and Tr) are added in
order to decrease the coil current. lo is then determined
as follows.
1Vb
IOPD =
•
.......................................
w
r1(r2+rx)Rs
1+
r2•rx
To determine rx, equation w can be modified to obtain
equation e.
1
rx =
.............................. e
1Vb
1
–1
–
r1
Rs•lOPD
r2
.
.
.
.
0
Phase A
Phase A
IO
SLA7022MU
SLA7029M
SMA7022MU
SMA7029M
SLA7020M
SLA7021M
RS
C3
r2
r1
r6
r5
Vb(5V)
7,(9)
3,(13)
SLA7024M
SLA7026M
SLA7027MU
RS
C3
r2
r1
r6
r5
Vb(5V)
9,(10)
3,(14)
SDK03M
RS
C3
r2
r1
r6
r5
Vb(5V)
10
3
13 15
SLA7022MU
SLA7029M
SMA7022MU
SMA7029M
SLA7020M
SLA7021M
RS
C3
r2
r1
r6
r5
Vb(5V)
7,(9)
3,(13)
rX
Tr
Power down
signal
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com