Electronic Components Datasheet Search
  English  ▼

X  

BT05VG Datasheet(PDF) 1 Page - BeRex Corporation

Part # BT05VG
Description  1500-4000 MHz Wideband Drive Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT05VG Datasheet(HTML) 1 Page - BeRex Corporation

  BT05VG Datasheet HTML 1Page - BeRex Corporation BT05VG Datasheet HTML 2Page - BeRex Corporation BT05VG Datasheet HTML 3Page - BeRex Corporation BT05VG Datasheet HTML 4Page - BeRex Corporation BT05VG Datasheet HTML 5Page - BeRex Corporation BT05VG Datasheet HTML 6Page - BeRex Corporation BT05VG Datasheet HTML 7Page - BeRex Corporation BT05VG Datasheet HTML 8Page - BeRex Corporation BT05VG Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BeRex
BT05VG
http: //www.berex.com
1500-4000 MHz Wideband Drive Amplifier
Device Features
 39dBm Output IP3 at 10dBm/tone at 1900MHz
 18dB Gain at 1900MHz
 23.5dBm P1dB at 2450MHz
 Highly Reliable InGaP/GaAs HBT Technology
 Lead-free/Green/RoHS compliant SOT-89 package
Application: commercial, space, military wireless system
Electrical Specifications (Ta = 25C, Vs = 5.0V)
Parameters
Test Conditions
Min
Typ
Max
Unit
Frequency Range
1500
4000
MHz
Gain
1900MHz
2100MHz
2450MHz
3500MHz
18.0
16.5
15.0
13.0
dB
S11
1900MHz
2100MHz
2450MHz
3500MHz
-18
-35
-12
-17
dB
S22
1900MHz
2100MHz
2450MHz
3500MHz
-30
-30
-13
-18
dB
OIP3
1900MHz
2100MHz
2450MHz
3500MHz
39.0
39.0
39.0
41.0
dBm
P1dB
1900MHz
2100MHz
2450MHz
3500MHz
21.5
21.5
22.5
23.0
22.5
22.5
23.5
24.0
dBm
IS-95 CH Power
@-45dBc ACPR
1900MHz
16.0
dBm
NF
1900MHz
2100MHz
2400MHz
3500MHz
4.6
5.0
4.6
5.0
dB
Ic
Vc = 5.0V
75
85
95
mA
Vc
5.0
V
Rth
Thermal Resistance
50
C/W
Test conditions unless otherwise noted.
1.
Device performance is measured on BeRex evaluation board at 25C, 50 ohm system
2.
OIP3 measured with two tones at an output power of 10dBm separated by 1MHz.


Similar Part No. - BT05VG

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT05VG BEREX-BT05VG Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2 Datasheet
759Kb / 13P
1500-4000 MHz Wideband Drive Amplifier
More results

Similar Description - BT05VG

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT05AG BEREX-BT05AG Datasheet
669Kb / 13P
5-4000 MHz Wideband Drive Amplifier
BT05CV BEREX-BT05CV Datasheet
603Kb / 13P
5-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2 Datasheet
759Kb / 13P
1500-4000 MHz Wideband Drive Amplifier
BT05AG BEREX-BT05AG_1 Datasheet
1Mb / 14P
5-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_1 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_1 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_16 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_16 Datasheet
2Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_18 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_18 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com