Electronic Components Datasheet Search
  English  ▼

X  

BT05VG Datasheet(PDF) 3 Page - BeRex Corporation

Part # BT05VG
Description  1500-4000 MHz Wideband Drive Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT05VG Datasheet(HTML) 3 Page - BeRex Corporation

  BT05VG Datasheet HTML 1Page - BeRex Corporation BT05VG Datasheet HTML 2Page - BeRex Corporation BT05VG Datasheet HTML 3Page - BeRex Corporation BT05VG Datasheet HTML 4Page - BeRex Corporation BT05VG Datasheet HTML 5Page - BeRex Corporation BT05VG Datasheet HTML 6Page - BeRex Corporation BT05VG Datasheet HTML 7Page - BeRex Corporation BT05VG Datasheet HTML 8Page - BeRex Corporation BT05VG Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BeRex
BT05VG
http: //www.berex.com
Typical Device Data
S-parameters (Vc= 5V, Ic=85mA, T=25C)
S-Parameter
(5V/85mA)
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
100
0.26
-171
17.2
166
0.0352
-0.214
0.107
-33.4
500
0.468
178
13.8
118
0.0391
-6.83
0.159
-127
1000
0.608
141
9.46
74.9
0.0428
-23.2
0.207
170
1500
0.648
110
6.87
42.7
0.0441
-38.8
0.218
133
2000
0.646
80.6
5.48
13.4
0.0468
-52.6
0.198
105
2500
0.632
45.2
4.61
-16.1
0.0486
-69.1
0.147
68.3
3000
0.644
6.59
3.9
-46.2
0.0508
-93.1
0.139
9.32
3500
0.68
-34
3.14
-75.8
0.046
-114
0.224
-39.6
4000
0.74
-65.7
2.68
-101
0.0476
-135
0.32
-68.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com