Electronic Components Datasheet Search
  English  ▼

X  

BT05VG Datasheet(PDF) 6 Page - BeRex Corporation

Part # BT05VG
Description  1500-4000 MHz Wideband Drive Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT05VG Datasheet(HTML) 6 Page - BeRex Corporation

Back Button BT05VG Datasheet HTML 2Page - BeRex Corporation BT05VG Datasheet HTML 3Page - BeRex Corporation BT05VG Datasheet HTML 4Page - BeRex Corporation BT05VG Datasheet HTML 5Page - BeRex Corporation BT05VG Datasheet HTML 6Page - BeRex Corporation BT05VG Datasheet HTML 7Page - BeRex Corporation BT05VG Datasheet HTML 8Page - BeRex Corporation BT05VG Datasheet HTML 9Page - BeRex Corporation BT05VG Datasheet HTML 10Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BeRex
BT05VG
http: //www.berex.com
Typical Performance
-35
-30
-25
-20
-15
-10
-5
0
1800
1850
1900
1950
2000
Freq [MHz]
+25C
-30C
+85C
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1800
1850
1900
1950
2000
Freq [MHz]
+25C
-30C
+85C
15
16
17
18
19
20
1800
1850
1900
1950
2000
Freq [MHz]
+25C
-30C
+85C
0
5
10
15
20
25
-15
-5
5
15
Pin [dBm]
0%
10%
20%
30%
40%
50%
60%
Po
G
PAE
F1=1900MHz, F2=1901MHz
30
35
40
45
10
12
14
16
18
Po, 2tone [dBm ]
+25C
- 30C
+85C
1900MHz, 885KHz offset
9Ch-FWD, IS-95
-80
-70
-60
-50
-40
-30
-20
-10
0
10
12
14
16
18
20
Po [dBm ]
+25C
- 30C
+85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com