Electronic Components Datasheet Search
  English  ▼

X  

BT05VG Datasheet(PDF) 2 Page - BeRex Corporation

Part # BT05VG
Description  1500-4000 MHz Wideband Drive Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT05VG Datasheet(HTML) 2 Page - BeRex Corporation

  BT05VG Datasheet HTML 1Page - BeRex Corporation BT05VG Datasheet HTML 2Page - BeRex Corporation BT05VG Datasheet HTML 3Page - BeRex Corporation BT05VG Datasheet HTML 4Page - BeRex Corporation BT05VG Datasheet HTML 5Page - BeRex Corporation BT05VG Datasheet HTML 6Page - BeRex Corporation BT05VG Datasheet HTML 7Page - BeRex Corporation BT05VG Datasheet HTML 8Page - BeRex Corporation BT05VG Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BeRex
BT05VG
http: //www.berex.com
Absolute Maximum Ratings
Parameters
Rating
Operating Case temperature
-40 to +85C
Storage Temperature
-55 to +125C
Junction Temperature
+220C
Supply Voltage
+6.5V
Input RF Power
23dBm
Operation of this device above any of these parameters may result in permanent damage.
[Generic SOT89 Evaluation Board]
[I-V Characteristics]
*Dielectric constant is 4.2
*RF pattern width 52mil
*31mil thick FR4 PCB
0
20
40
60
80
100
120
140
2
3
4
5
6
Vc [V]
+25C
-30C
+85C
BeRex
MMIC Innovator
Evaluation
Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com