Electronic Components Datasheet Search
  English  ▼

X  

THS7364 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # THS7364
Description  6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7364 Datasheet(HTML) 34 Page - Texas Instruments

Back Button THS7364 Datasheet HTML 30Page - Texas Instruments THS7364 Datasheet HTML 31Page - Texas Instruments THS7364 Datasheet HTML 32Page - Texas Instruments THS7364 Datasheet HTML 33Page - Texas Instruments THS7364 Datasheet HTML 34Page - Texas Instruments THS7364 Datasheet HTML 35Page - Texas Instruments THS7364 Datasheet HTML 36Page - Texas Instruments THS7364 Datasheet HTML 37Page - Texas Instruments THS7364 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
THS7364
SBOS530 – AUGUST 2010
www.ti.com
There are many reasons dc-coupling is desirable,
In the same way as the dc output mode of operation
including reduced costs, PCB area, and no line tilt. A
discussed previously, each line should have a 75-
Ω
common question is whether or not there are any
source
termination
resistor
in
series
with
the
drawbacks to using dc-coupling. There are some
ac-coupling capacitor. This 75-
Ω resistor should be
potential issues that must be examined, such as the
placed next to the THS7364 output to minimize
dc current bias as discussed above. Another potential
capacitive loading effects. If two lines are to be
risk is whether this configuration meets industry
driven, it is best to have each line use its own
standards.
EIA/CEA-770
stipulates
that
the
capacitor and resistor rather than sharing these
back-porch shall be 0 V ± 1 V as measured at the
components.
This
configuration
helps
ensure
receiver. With a double-terminated load system, this
line-to-line dc isolation and eliminates the potential
requirement implies a 0 V ± 2 V level at the video
problems as described previously. Using a single,
amplifier output. The THS7364 can easily meet this
1000-mF capacitor for two lines is permissible, but
requirement without issue. However, in Japan, the
there is a chance for interference between the two
EIAJ CP-1203 specification stipulates a 0 V ± 0.1 V
receivers.
level with no signal. This requirement can be met with
Lastly, because of the edge rates and frequencies of
the THS7364 in shutdown mode, but while active it
operation, it is recommended (but not required) to
cannot
meet
this
specification
without
output
place a 0.1-mF to 0.01-mF capacitor in parallel with
ac-coupling.
AC-coupling
the
output
essentially
the large 220-mF to 1000-mF capacitor. These large
ensures that the video signal works with any system
value capacitors are most commonly aluminum
and any specification. For many modern systems,
electrolytic. It is well-known that these capacitors
however, dc-coupling can satisfy most needs.
have significantly large equivalent series resistance
(ESR), and the impedance at high frequencies is
OUTPUT MODE OF OPERATION:
rather large as a result of the associated inductances
AC-COUPLED
involved with the leads and construction. The small
0.1-mF
to
0.01-mF
capacitors
help
pass
these
A very common method of coupling the video signal
high-frequency signals (greater than 1 MHz) with
to the line is with a large capacitor. This capacitor is
much lower impedance than the large capacitors.
typically between 220 mF and 1000 mF, although
470 mF is very typical. The value of this capacitor
Although it is common to use the same capacitor
must be large enough to minimize the line tilt (droop)
values for all the video lines, the frequency bandwidth
and/or
field
tilt
associated
with
ac-coupling
as
of the chroma signal in a S-Video system is not
described previously in this document. AC-coupling is
required to go as low (or as high of a frequency) as
performed for several reasons, but the most common
the luma channels. Thus, the capacitor values of the
is to ensure full interoperability with the receiving
chroma line(s) can be smaller, such as 0.1 mF.
video system. This approach ensures that regardless
of the reference dc voltage used on the transmitting
Figure 82 shows a typical configuration where the
side,
the
receiving
side
re-establishes
the
dc
input is ac-coupled and the output is also ac-coupled.
reference voltage to its own requirements.
AC-coupled inputs are generally required when
current-sink DACs are used or the input is connected
to an unknown source, such as when the THS7364 is
used as an input device.
34
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): THS7364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com