Electronic Components Datasheet Search
  English  ▼

X  

THS7364 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS7364
Description  6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7364 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS7364 Datasheet HTML 5Page - Texas Instruments THS7364 Datasheet HTML 6Page - Texas Instruments THS7364 Datasheet HTML 7Page - Texas Instruments THS7364 Datasheet HTML 8Page - Texas Instruments THS7364 Datasheet HTML 9Page - Texas Instruments THS7364 Datasheet HTML 10Page - Texas Instruments THS7364 Datasheet HTML 11Page - Texas Instruments THS7364 Datasheet HTML 12Page - Texas Instruments THS7364 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SD1OUT
SD2OUT
SD3OUT
DisableSD
GND
Disable FHD
FHD1OUT
FHD2OUT
FHD3OUT
Bypass FHD
SD1IN
SD2IN
SD3IN
NC
(1)
V
S+
NC
FHD1IN
FHD2IN
FHD3IN
BypassSD
THS7364
www.ti.com
SBOS530 – AUGUST 2010
PIN CONFIGURATION
PW PACKAGE
TSSOP-20
(TOP VIEW)
(1) NC = No connection.
TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
I/O
DESCRIPTION
SD1 IN
1
I
Standard-definition video input, channel 1; LPF = 9.5 MHz
SD2 IN
2
I
Standard-definition video input, channel 2; LPF = 9.5 MHz
SD3 IN
3
I
Standard-definition video input, channel 3; LPF = 9.5 MHz
NC
4
—
No internal connection
VS+
5
I
Positive power-supply pin; connect to +2.7 V up to +5 V
NC
6
—
No internal connection
FHD1 IN
7
I
Full high-definition video input, channel 1; LPF = 72 MHz
FHD2 IN
8
I
Full high-definition video input, channel 2; LPF = 72 MHz
FHD3 IN
9
I
Full high-definition video input, channel 3; LPF = 72 MHz
Bypass all SD channel filters. Logic high bypasses the internal filters and logic low engages the
Bypass SD
10
I
internal filters.
Bypass all FHD channel filters. Logic high bypasses the internal filters and logic low engages the
Bypass FHD
11
I
internal filters.
FHD3 OUT
12
O
Full high-definition video output, channel 3; LPF = 72 MHz
FHD2 OUT
13
O
Full high-definition video output, channel 2; LPF = 72 MHz
FHD1 OUT
14
O
Full high-definition video output, channel 1; LPF = 72 MHz
Disable full high-definition channels. Logic high disables the FHD channels and logic low enables
Disable FHD
15
I
the FHD channels.
GND
16
I
Ground pin for all internal circuitry
Disable standard definition channels. Logic high disables the SD channels and logic low enables the
Disable SD
17
I
SD channels.
SD3 OUT
18
O
Standard-definition video output, channel 3; LPF = 9.5 MHz
SD2 OUT
19
O
Standard-definition video output, channel 2; LPF = 9.5 MHz
SD1 OUT
20
O
Standard-definition video output, channel 1; LPF = 9.5 MHz
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS7364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com