Electronic Components Datasheet Search
  English  ▼

X  

THS7364 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # THS7364
Description  6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7364 Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS7364 Datasheet HTML 24Page - Texas Instruments THS7364 Datasheet HTML 25Page - Texas Instruments THS7364 Datasheet HTML 26Page - Texas Instruments THS7364 Datasheet HTML 27Page - Texas Instruments THS7364 Datasheet HTML 28Page - Texas Instruments THS7364 Datasheet HTML 29Page - Texas Instruments THS7364 Datasheet HTML 30Page - Texas Instruments THS7364 Datasheet HTML 31Page - Texas Instruments THS7364 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
75 W
S-VideoY'Out
CVBS
R
S-Video Y’
R
S-Video C’
R
Y'/G'
R
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SD1OUT
SD2OUT
SD3OUT
DisableSD
GND
Disable FHD
FHD1OUT
FHD2OUT
FHD3OUT
Bypass FHD
SD1IN
SD2IN
SD3IN
NC
V
S+
NC
FHD1IN
FHD2IN
FHD3IN
BypassSD
THS7364
Bypass
SDLPF
Bypass
LPF
FHD
P' /B'
B
R
CVBS
P' /R'
R
R
75 W
75 W
S-VideoC'Out
75 W
75 W
75 W
Y'/G'Out
75 W
P' /B'Out
B
75 W
75 W
P' /R'Out
R
75 W
75 W
75 W
+2.7Vto
+5V
Disable FHD
DisableSD
THS7364
SBOS530 – AUGUST 2010
www.ti.com
TYPICAL CONFIGURATION AND VIDEO
the definition of luminance as stipulated by the
TERMINOLOGY
International Commission on Illumination (CIE). Video
departs from true luminance because a nonlinear
A typical application circuit using the THS7364 as a
term, gamma, is added to the true RGB signals to
video buffer is shown in Figure 77. It shows a DAC or
form R’G’B’ signals. These R’G’B’ signals are then
encoder driving the input channels of the THS7364.
used to mathematically create luma (Y’). Thus,
One channel is a CVBS connection while two other
luminance
(Y)
is
not
maintained,
providing
a
channels are for the S-Video Y’/C’ signals of an SD
difference in terminology.
video system. These signals can be NTSC, PAL, or
SECAM signals. The other three channels are the
This rationale is also used for the chroma (C’) term.
component
video
Y’/P’B/P’R (sometimes labeled
Chroma is derived from the nonlinear R’G’B’ terms
Y’U’V’ or incorrectly labeled Y’/C’B/C’R) signals. These
and, thus, it is nonlinear. Chominance (C) is derived
signals are typically 480i, 576i, 480p, 576p, 720p,
from linear RGB, giving the difference between
1080i, or up to 1080p60 signals. Because the filters
chroma
(C’)
and
chrominance
(C).
The
color
can be bypassed, other formats such as R'G'B' video
difference signals (P’B/P’R/U’/V’) are also referenced
up to QXGA or UWXGA can also be supported with
in this manner to denote the nonlinear (gamma
the THS7364.
corrected) signals.
Note that the Y’ term is used for the luma channels
throughout this document rather than the more
common luminance (Y) term. This usage accounts for
(1)
Figure 77. Typical Six-Channel System Inputs from DC-Coupled Encoder/DAC with DC-Coupled Line
Driving
28
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): THS7364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com