Electronic Components Datasheet Search
  English  ▼

X  

THS7364 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS7364
Description  6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7364 Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS7364 Datasheet HTML 15Page - Texas Instruments THS7364 Datasheet HTML 16Page - Texas Instruments THS7364 Datasheet HTML 17Page - Texas Instruments THS7364 Datasheet HTML 18Page - Texas Instruments THS7364 Datasheet HTML 19Page - Texas Instruments THS7364 Datasheet HTML 20Page - Texas Instruments THS7364 Datasheet HTML 21Page - Texas Instruments THS7364 Datasheet HTML 22Page - Texas Instruments THS7364 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
20
10
0
10
20
30
40
50
60
-
-
-
-
-
-
10M
1G
Frequency(Hz)
100M
V
=3.3V
BypassMode
Load=150
||C
DC-CoupledOutput
V =200mV
S+
L
O
PP
W
C =18pF
L
C =10pF
L
C =5pF
L
10
0
10
20
30
40
50
60
-
-
-
-
-
-
10M
1G
Frequency(Hz)
100M
V
=3.3V
FilterMode
Load=150
||C
DC-CoupledOutput
V =200mV
S+
L
O
PP
W
C =18pF
L
C =10pF
L
C =5pF
L
30
40
50
60
70
80
90
-
-
-
-
-
-
-
1
60
Frequency(MHz)
10
V
=3.3V
BypassMode
DC-CoupledOutput
S+
V =0.5V
O
PP
V =1V
O
PP
V =1.4V
O
PP
V =2.5V
O
PP
V =2V
O
PP
30
40
50
60
70
80
90
-
-
-
-
-
-
-
1
60
Frequency(MHz)
10
V
=3.3V
FilterMode
DC-CoupledOutput
S+
V =0.5V
O
PP
V =1V
O
PP
V =1.4V
O
PP
V =2.5V
O
PP
V =2V
O
PP
THS7364
www.ti.com
SBOS530 – AUGUST 2010
TYPICAL CHARACTERISTICS: 3.3 V, Full HD (FHD) Channels (continued)
With load = 150
Ω || 5 pF, dc-coupled input and output, unless otherwise noted.
FHD CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
FHD CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
RESPONSE
RESPONSE
Figure 35.
Figure 36.
FHD CHANNELS THD vs FREQUENCY
FHD CHANNELS THD vs FREQUENCY
Figure 37.
Figure 38.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): THS7364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com