Electronic Components Datasheet Search
  English  ▼

X  

SC824 Datasheet(PDF) 27 Page - Semtech Corporation

Part # SC824
Description  Single-cell Li-Ion Charger Tri-Mode with Timer and NTC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC824 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button SC824 Datasheet HTML 21Page - Semtech Corporation SC824 Datasheet HTML 22Page - Semtech Corporation SC824 Datasheet HTML 23Page - Semtech Corporation SC824 Datasheet HTML 24Page - Semtech Corporation SC824 Datasheet HTML 25Page - Semtech Corporation SC824 Datasheet HTML 26Page - Semtech Corporation SC824 Datasheet HTML 27Page - Semtech Corporation SC824 Datasheet HTML 28Page - Semtech Corporation SC824 Datasheet HTML 29Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
SC824
27
Applications Information (continued)
External Power Path Management
Some applications require that the battery be isolated
from the load while charging. Figure 8 illustrates a typical
charger bypass circuit. This circuit powers the load directly
from the charging source via the Schottky diode D
BYPASS
.
When the charging source is present, the p-channel
MOSFET battery isolation switch Q
ISO
source-to-gate
voltage V
SG
is equal to minus the D
BYPASS
forward-biased
voltage drop, ensuring that the switch Q
ISO
is off (open).
When the charging source is removed, the MOSFET gate is
pulled down to ground by R
ISO_PD
, closing the battery isola-
tion switch and connecting the battery to the load.
When the charging source is removed, the turn-on of Q
ISO
could be delayed due to its gate capacitance. If so, the
substrate PN diode of Q
ISO
will become forward biased,
holding the load voltage to within 0.7V of the battery
voltage until V
SG
> V
TH
, turning on Q
ISO
. This momentary
voltage drop can be mitigated by the use of an optional
Schottky diode in parallel with Q
ISO
, as shown.
With the load isolated from the battery, the charging
adapter must supply both the load current and the charg-
ing current. If the sum of these should ever exceed the
current capacity of the adapter, V
ADAPTER
will be pulled
down. Selection of either of the SC824 USB modes will
enable Under-Voltage Load Regulation. UVLR will reduce
the charge current if needed to ensure that V
ADAPTER
will
remain at or above V
UVLR
, maintaining the load supply
voltage
To better understand the trade-offs between charger
bypass and direct connection of the load to the battery,
see the Semtech Application Note AN–PM–0802, Tradeoffs
Between Direct Battery Connection vs. Bypassing the
Charger.
Device
Load
Battery
Pack
2.2μF
VADAPTER
2.2μF
RRTIME
RIPRGM
VIN
STAT0
IPRGM
MODE
GND
VSYS
EN_NTC
BAT
SC824
MODE SELECT
CPU GPIO
RTIME
STAT1
1μF
RNTC
Thermistor
RNPU
QISO
RISO_PD
DBYPASS
Opt.
Figure 8 — Battery Isolation and Power Path Bypass − Powering the Load Directly From the Charging Adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com