Electronic Components Datasheet Search
  English  ▼

X  

SC2441A Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2441A
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441A Datasheet(HTML) 4 Page - Semtech Corporation

  SC2441A Datasheet HTML 1Page - Semtech Corporation SC2441A Datasheet HTML 2Page - Semtech Corporation SC2441A Datasheet HTML 3Page - Semtech Corporation SC2441A Datasheet HTML 4Page - Semtech Corporation SC2441A Datasheet HTML 5Page - Semtech Corporation SC2441A Datasheet HTML 6Page - Semtech Corporation SC2441A Datasheet HTML 7Page - Semtech Corporation SC2441A Datasheet HTML 8Page - Semtech Corporation SC2441A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
n
e
r
r
u
C
k
n
i
S
k
a
e
P
e
v
ir
D
e
t
a
G
e
d
i
S
-
w
o
L
)
1
e
t
o
N
(2
A
e
m
i
T
e
s
i
R
e
v
ir
D
e
t
a
GC
L
F
p
0
0
3
3
=0
3s
n
e
m
i
T
ll
a
F
e
v
ir
D
e
t
a
GC
L
F
p
0
0
3
3
=0
3s
n
e
l
b
a
n
E
d
n
a
f
f
o
t
u
h
S
d
a
o
l
r
e
v
O
,
t
r
a
t
S
-
t
f
o
S
d
a
o
lr
e
v
O
e
l
b
a
n
E
o
t
e
g
a
tl
o
V
t
r
a
t
S
-
tf
o
S
p
u
c
c
i
H
V
,
1
N
E
S
S
V
2
N
E
S
S
V
1
S
S
d
n
aV
2
S
S
g
n
i
s
a
e
r
c
n
I3
.
3V
d
l
o
h
s
e
r
h
T
B
F
p
u
c
c
i
H
d
a
o
lr
e
v
O
V
,
1
L
O
B
F
V
2
L
O
B
F
V
2
,
1
S
S
V
5
.
3
=
B
F
1
d
n
aB
F
2
g
n
i
s
a
e
r
c
e
D
5
3
.
08
3
.
01
4
.
0V
t
n
e
r
r
u
C
e
g
r
a
h
c
s
i
D
t
r
a
t
S
-
tf
o
S
I
,
)
S
I
D
(
1
S
S
I
)
S
I
D
(
2
S
S
V
1
B
F
=V
2
B
F
=V
3
.
0
V
1
S
S
=V
2
S
S
=V
3
69
2
1
µA
r
e
tf
A
t
r
a
t
s
e
R
o
t
e
g
a
tl
o
V
t
r
a
t
S
-
tf
o
S
n
w
o
d
t
u
h
S
d
a
o
lr
e
v
O
V
,
1
T
S
R
S
S
V
2
T
S
R
S
S
V
1
S
S
d
n
aV
2
S
S
g
n
i
s
a
e
r
c
e
D5
.
0V
e
g
a
tl
o
V
N
E
/
S
S
e
l
b
a
s
i
D
l
e
n
n
a
h
C
6
.
0V
n
o
it
a
r
e
p
O
M
W
P
r
o
f
d
l
o
h
s
e
r
h
T
N
E
/
S
S
V
)
+
(
1
S
C
V
=
)
-
(
1
S
C
0
=
V
)
+
(
2
S
C
V
=
)
-
(
2
S
C
0
=
3
2
.
18
2
.
13
3
.
1V
r
e
t
r
e
v
n
o
C
t
s
o
o
B
V
N
I
d
l
o
h
s
e
r
h
T
t
r
a
t
SV
H
T
N
I
V
N
I
g
n
i
s
a
e
r
c
n
I3
7
.
16
7
.
1V
V
N
I
s
i
s
e
r
e
t
s
y
HV
L
T
N
I
0
0
1V
m
t
n
e
r
r
u
C
s
a
i
B
n
i
P
k
c
a
b
d
e
e
FI
3
B
F
0
40
5
2A
n
e
g
a
tl
o
V
k
c
a
b
d
e
e
FV
3
B
F
V
<
V
8
.
1
N
I
V
5
.
6
1
<5
2
2
.
10
5
2
.
15
7
2
.
1V
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
r
e
if
il
p
m
A
k
c
a
b
d
e
e
FG
3
M
0
7
Ω
µ 1-
n
i
a
G
p
o
o
L
-
n
e
p
O
r
e
if
il
p
m
A
k
c
a
b
d
e
e
Fa
3
o
0
5B
d
y
c
n
e
u
q
e
r
F
g
n
i
h
c
ti
w
S
r
e
t
r
e
v
n
o
C
t
s
o
o
B
f
3
C
S
O
1z
H
M
e
l
c
y
C
y
t
u
D
h
c
ti
w
S
m
u
m
i
x
a
MD
3
X
A
M
5
82
9
%
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
h
c
ti
w
S
r
e
t
r
e
v
n
o
C
t
s
o
o
BV
T
A
S
E
C
I
W
S
A
6
.
0
=7
2
.
0V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
h
c
ti
w
S
t
s
o
o
BI
E
G
A
K
A
E
L
V
W
S
V
2
1
=5
µA
ti
m
i
L
t
n
e
r
r
u
C
h
c
ti
w
S
t
s
o
o
BI
T
I
M
I
L
6
.
08
.
0A
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
5
5
1C
°
s
i
s
e
r
e
t
s
y
H
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
0
1C
°
Notes:
(1) Guaranteed by design not tested in production.
(2) Input current is dominated by the equivalent gate drive current to external MOSFETs in active switching condition.
Unless specified: V
IN = 2V, VCC = VBST1 = VBST2 =8V, SYNC/SHDN =2V, ROSC = 51.1kΩ, -40°C < TA = TJ < 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com