Electronic Components Datasheet Search
  English  ▼

X  

SC2441A Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2441A
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441A Datasheet(HTML) 3 Page - Semtech Corporation

  SC2441A Datasheet HTML 1Page - Semtech Corporation SC2441A Datasheet HTML 2Page - Semtech Corporation SC2441A Datasheet HTML 3Page - Semtech Corporation SC2441A Datasheet HTML 4Page - Semtech Corporation SC2441A Datasheet HTML 5Page - Semtech Corporation SC2441A Datasheet HTML 6Page - Semtech Corporation SC2441A Datasheet HTML 7Page - Semtech Corporation SC2441A Datasheet HTML 8Page - Semtech Corporation SC2441A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Electrical Characteristics (Cont.)
Unless specified: V
IN = 2V, VCC = VBST1 = VBST2 =8V, SYNC/SHDN =2V, ROSC = 51.1kΩ, -40°C < TA = TJ < 105°C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
n
o
it
a
r
e
p
O
M
W
P
r
o
f
d
l
o
h
s
e
r
h
T
P
M
O
C
V
)
+
(
1
S
C
=V
)
-
(
1
S
C
0
=
V
)
+
(
2
S
C
=V
)
-
(
2
S
C
0
=
7
6
.
15
8
.
15
0
.
2V
t
u
p
t
u
O
e
l
g
n
i
S
e
s
a
h
P
-
2
r
o
F
e
g
a
tl
o
V
2
B
F
n
o
it
a
r
e
p
O
f
o
e
d
o
M
5
5
.
1V
p
o
o
L
d
e
k
c
o
L
-
e
s
a
h
P
d
n
a
r
o
t
a
ll
i
c
s
O
y
c
n
e
u
q
e
r
F
g
n
i
n
n
u
R
e
e
r
Ff
O
C
C
T
J
V
;
C
°
5
2
=
F
L
L
P
V
1
>0
5
40
0
50
5
5z
H
K
y
c
n
e
u
q
e
r
F
g
n
i
k
c
o
L
m
u
m
i
n
i
MV
F
L
L
P
n
e
p
o0
4
2z
H
K
g
n
i
k
c
o
L
m
u
m
i
n
i
M
/
y
c
n
e
u
q
e
r
F
g
n
i
n
n
u
R
e
e
r
F
y
c
n
e
u
q
e
r
F
T
J
C
°
5
2
=7
.
10
.
2
t
n
e
r
r
u
C
t
u
p
t
u
O
p
m
u
P
e
g
r
a
h
CI
F
L
L
P
V
F
L
L
P
V
1
=0
15
10
2
µA
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
D
,
1
X
A
M
D
2
X
A
M
8
80
9%
e
l
c
y
C
y
t
u
D
m
u
m
i
n
i
MD
,
1
N
I
M
D
2
N
I
M
0%
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I
N
D
H
S
/
C
N
Y
SV
H
S
/
S
5
.
1V
e
g
a
tl
o
V
w
o
L
t
u
p
n
I
N
D
H
S
/
C
N
Y
SV
L
S
/
S
5
.
0V
t
n
e
r
r
u
C
t
u
p
n
I
N
D
H
S
/
C
N
Y
SI
S
/
S
V
S
/
S
V
2
.
0
=
V
S
/
S
V
2
=0
4
1
0
6
µA
y
a
l
e
D
n
w
o
d
t
u
h
S
)
1
e
t
o
N
(5
8
µs
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
O
k
c
o
l
CT
U
O
K
C
H
I
T
U
O
K
C
0
8
-
=
µA6
.
18
.
1V
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
O
k
c
o
l
CT
U
O
K
C
L
I
T
U
O
K
C
0
0
2
=
µA4
.
0V
s
r
o
t
a
r
a
p
m
o
C
t
i
m
i
L
-
t
n
e
r
r
u
C
d
n
a
M
W
P
,
s
r
e
i
f
il
p
m
A
e
s
n
e
S
-
t
n
e
r
r
u
C
e
g
n
a
R
e
d
o
M
n
o
m
m
o
C
t
u
p
n
I
0V
C
C
1
-V
d
l
o
h
s
e
r
h
T
ti
m
i
L
t
n
e
r
r
u
CV
,
1
M
I
L
I
V
2
M
I
L
I
V
C
C
V
8
=
V
)
-
(
1
S
C
=V
)
-
(
2
S
C
V
0
=
8
13
28
2V
m
d
l
o
h
s
e
r
h
T
ti
m
i
L
t
n
e
r
r
u
CV
,
1
M
I
L
I
V
2
M
I
L
I
V
C
C
V
8
=
V
)
-
(
1
S
C
=V
)
-
(
2
S
C
V
5
=
8
13
28
2V
m
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
e
s
n
e
S
-
t
n
e
r
r
u
C
e
v
it
i
s
o
PI
,
)
+
(
1
S
C
I
)
+
(
2
S
C
V
)
+
(
1
S
C
=V
)
-
(
1
S
C
0
=
V
)
-
(
2
S
C
=V
)
-
(
2
S
C
0
=
4
.
0
-8
.
0
-
µA
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
e
s
n
e
S
-
t
n
e
r
r
u
C
e
v
it
a
g
e
NI
,
)
-
(
1
S
C
I
)
-
(
2
S
C
V
)
+
(
1
S
C
=V
)
-
(
1
S
C
0
=
V
)
+
(
2
S
C
=V
)
-
(
2
S
C
0
=
0
4
-5
7
-
µA
e
m
it
-
n
O
M
W
P
m
u
m
i
n
i
M
T
A
5
2
=°
)
1
e
t
o
N
(
,
C
0
8
1s
n
s
r
e
v
i
r
D
e
t
a
G
t
n
e
r
r
u
C
e
c
r
u
o
S
k
a
e
P
e
v
ir
D
e
t
a
G
e
d
i
S
-
h
g
i
H
)
1
e
t
o
N
(2
A
t
n
e
r
r
u
C
k
n
i
S
k
a
e
P
e
v
ir
D
e
t
a
G
e
d
i
S
-
h
g
i
H
)
1
e
t
o
N
(2
A
t
n
e
r
r
u
C
e
c
r
u
o
S
k
a
e
P
e
v
ir
D
e
t
a
G
e
d
i
S
-
w
o
L
)
1
e
t
o
N
(2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com