Electronic Components Datasheet Search
  English  ▼

X  

SC2441A Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC2441A
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441A Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC2441A Datasheet HTML 18Page - Semtech Corporation SC2441A Datasheet HTML 19Page - Semtech Corporation SC2441A Datasheet HTML 20Page - Semtech Corporation SC2441A Datasheet HTML 21Page - Semtech Corporation SC2441A Datasheet HTML 22Page - Semtech Corporation SC2441A Datasheet HTML 23Page - Semtech Corporation SC2441A Datasheet HTML 24Page - Semtech Corporation SC2441A Datasheet HTML 25Page - Semtech Corporation SC2441A Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
22
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Assuming that the efficiency of the boost converter is
η
and the boost converter is running in CCM with duty ratio
D. The peak inductor current is
The saturation current rating of the selected inductor
should be at least 1.2 times of the calculated peak
current value.
Step-up Converter Capacitor Selection
Input capacitor::::: The input capacitance should be large
such that the input transients due to both the step-up
and the step-down converters do not trip the UVLO
threshold 1.71V. Since the SC2441A controls a 2-phase
low input voltage step-down converter, the input
capacitance is sized to handle the input ripple current of
the buck converter. This is usually sufficient for the
auxiliary boost converter because the input current in a
boost converter is continuous.
Output capacitor: Unlike buck converter, pulse current
is delivered to the output of a boost converter. To reduce
the output ripple voltage, low ESR capacitors should be
used. The output capacitor should also be able handle
the output ripple current. The SC2441A is designed to
use multi-layer ceramic capacitor as the sole output
capacitor.
Maximum Output Current of the Step-up Converter
Figure 3 shows that the boost switch current is sensed
with an internal sense resistor Rs and it is internally
limited at 0.6A. So the maximum output current can be
given as (
η is the efficiency of the step-up section):
o3
in
3
max
o3,
V
V
2
0.6A
I
h
d
×
×
-
=
)
(
SW3
PGND2
SC2441A
27
26
L
1
D
1
C
1
C
2
R
1
V
CC
PGND1
V
IN
21
24
Small
Loop
Figure 9. Step-Up Section Layout Illustration
As shown in Figure 9, to minimize the switching noise
generated by the step-up converter, the loop formed by
D
1, C1, SW3 and PGND2 should be as small as possible.
And the PGND2 pin should be tied to PGND1 at one
spot close to the PGND1 pin.
Step-up Converter Inductor Selection
For a specified inductor current ripple ratio
δ
3 (peak-to-
peak current ripple v.s. actual input current I
IN), the
inductor value is
.
V
V
)
V
V
1
(
I
f
V
L
3
o
in
3
o
in
3
o
3
3
s
in
1
-
d
=
Typically, select
δ
3 <2 for a Continous Conduction Mode
(CCM) operation.
If V
in = 3.3V, Vo3 = 5V and Io3 = 100mA with δ
3 = 1.6 and
f
s3 = 1MHz, then, L1 = 4.7µH.
Applications Information
2
1
T
D
L
V
V
I
V
I
1
in
in
o3
o3
L1PEAK
×
×
×
+
h
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com