Electronic Components Datasheet Search
  English  ▼

X  

SC2441A Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2441A
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441A Datasheet(HTML) 2 Page - Semtech Corporation

  SC2441A Datasheet HTML 1Page - Semtech Corporation SC2441A Datasheet HTML 2Page - Semtech Corporation SC2441A Datasheet HTML 3Page - Semtech Corporation SC2441A Datasheet HTML 4Page - Semtech Corporation SC2441A Datasheet HTML 5Page - Semtech Corporation SC2441A Datasheet HTML 6Page - Semtech Corporation SC2441A Datasheet HTML 7Page - Semtech Corporation SC2441A Datasheet HTML 8Page - Semtech Corporation SC2441A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Absolute Maximum Rating
Electrical Characteristics
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
u
o
k
c
o
L
e
g
a
t
l
o
v
r
e
d
n
U
V
C
C
d
l
o
h
s
e
r
h
T
t
r
a
t
SV
H
T
C
C
V
C
C
g
n
i
s
a
e
r
c
n
I5
4
.
45
5
.
4V
V
C
C
s
i
s
e
r
e
t
s
y
H
O
L
V
UV
L
T
C
C
V
C
C
g
n
i
s
a
e
r
c
e
D0
5
1V
m
V
C
C
t
n
e
r
r
u
C
t
u
p
n
II
C
C
V
C
C
V
,
V
8
=
S
/
S
V
2
=
V
C
C
V
,
V
4
=
L
T
C
C
V
,
S
/
S
V
2
=
V
C
C
V
,
V
8
=
S
/
S
)
2
(
V
0
=
0
1
5
0
.
0
8
5
1
0
.
1
1
1
A
m
s
r
e
i
f
il
p
m
A
r
o
r
r
E
2
d
n
a
1
l
e
n
n
a
h
C
e
g
a
tl
o
V
k
c
a
b
d
e
e
FV
,
1
B
F
V
2
B
F
V
N
I
V
5
,
V
3
=V
<
C
C
V
0
1
<4
9
4
.
00
0
5
.
06
0
5
.
0V
V
N
I
V
5
,
V
3
=V
<
C
C
,
V
0
1
<
C
°
5
8
o
t
C
°
0
4
-
5
9
4
.
00
0
5
.
05
0
5
.
0V
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
n
i
P
k
c
a
b
d
e
e
F
I
1
B
F
0
6
-0
0
2
-A
n
I
2
B
F
0
8
2
-0
0
5
-A
n
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
r
e
if
il
p
m
AG
,
1
M G 2
M
5
1
3
Ω
µ 1−
n
i
a
G
e
g
a
tl
o
V
p
o
o
L
n
e
p
Oa
1
o
a
,
2
o
5
7B
d
h
t
d
i
w
d
n
a
B
n
i
a
G
y
ti
n
U
r
e
if
il
p
m
A)
1
e
t
o
N
(5
z
H
M
t
n
e
r
r
u
C
k
n
i
S
t
u
p
t
u
O
r
e
if
il
p
m
AV
2
,
1
B
F
V
,
V
1
=
2
,
1
P
M
O
C
V
5
.
2
=
6
14
29
2
µA
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
O
r
e
if
il
p
m
AV
2
,
1
B
F
V
,
V
0
=
2
,
1
P
M
O
C
V
5
.
2
=9
3
16
1
µA
Unless specified: V
IN = 2V, VCC = VBST1 = VBST2 =8V, SYNC/SHDN =2V, ROSC = 51.1kΩ, -40°C < TA = TJ < 105°C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
g
n
i
t
a
R
m
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
t
u
p
n
IV
N
I
0
2
o
t
3
.
0
-V
r
e
ll
o
r
t
n
o
C
n
w
o
D
-
p
e
t
S
r
o
F
e
g
a
tl
o
V
y
l
p
p
u
SV
C
C
0
2
o
t
3
.
0
-V
s
e
g
a
tl
o
V
y
l
p
p
u
S
r
e
v
i
r
D
e
d
i
S
-
h
g
i
HV
1
T
S
B
V
,
2
T
S
B
8
2
o
t
3
.
0
-V
e
g
a
tl
o
V
2
B
F
,
1
B
FV
1
B
F
V
,
2
B
F
0
2
o
t
3
.
0
-V
s
e
g
a
tl
o
V
2
P
M
O
C
,
1
P
M
O
CV
1
P
M
O
C
V
,
2
P
M
O
C
5
.
4
o
t
3
.
0
-V
)
-
(
2
S
C
d
n
a
)
+
(
2
S
C
,
)
-
(
1
S
C
,
)
+
(
1
S
C
s
e
g
a
tl
o
V
V
,
)
+
(
1
S
C
V
)
-
(
1
S
C
V
,
)
+
(
2
S
C
,V
)
-
(
2
S
C
V
o
t
3
.
0
-
C
C
V
e
g
a
tl
o
V
N
D
H
S
/
C
N
Y
SV
S
/
S
V
o
t
3
.
0
-
N
I
1
+V
e
g
a
tl
o
V
C
S
O
RV
C
S
O
R
2
o
t
3
.
0
-V
s
e
g
a
tl
o
V
2
N
E
/
2
S
S
D
N
A
1
N
E
/
1
S
SV
1
S
S
V
,
2
S
S
4
o
t
3
.
0
-V
e
g
a
tl
o
V
3
B
FV
3
B
F
4V
e
g
a
tl
o
V
3
W
SV
3
W
S
0
3
o
t
3
.
0
-V
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
m
u
m
i
x
a
MT
J
0
5
1C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
2W
/
C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
7
3W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
0
6
-C
°
c
e
s
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
s
g
n
it
a
R
D
S
ED
S
E0
0
0
2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com