Electronic Components Datasheet Search
  English  ▼

X  

AD5749 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5749
Description  Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5749 Datasheet HTML 7Page - Analog Devices AD5749 Datasheet HTML 8Page - Analog Devices AD5749 Datasheet HTML 9Page - Analog Devices AD5749 Datasheet HTML 10Page - Analog Devices AD5749 Datasheet HTML 11Page - Analog Devices AD5749 Datasheet HTML 12Page - Analog Devices AD5749 Datasheet HTML 13Page - Analog Devices AD5749 Datasheet HTML 14Page - Analog Devices AD5749 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD5749
Rev. 0 | Page 11 of 28
0.020
0.015
0.010
0.005
0
–0.005
–0.010
–0.015
–0.020
24V
48V
55V
SUPPLY VOLTAGE (AVDD)
4mA TO 20mA EXTERNAL RSET POSITIVE TUE
0mA TO 24mA EXTERNAL RSET POSITIVE TUE
4mA TO 20mA EXTERNAL RSET NEGATIVE TUE
0mA TO 24mA EXTERNAL RSET NEGATIVE TUE
Figure 11. Total Unadjusted Error Current Mode, External RSET Sense Resistor
0.010
0.005
0
–0.005
–0.010
–0.015
–0.020
–0.025
24V
48V
55V
SUPPLY VOLTAGE (AVDD)
4mA TO 20mA INTERNAL RSET NEGATIVE TUE
0mA TO 24mA INTERNAL RSET NEGATIVE TUE
0mA TO 24mA INTERNAL RSET POSITIVE TUE
4mA TO 20mA INTERNAL RSET POSITIVE TUE
Figure 12. Total Unadjusted Error Current Mode, Internal RSET Sense Resistor
0.003
0.004
0.005
0.002
0.001
0
–0.001
–0.002
–0.003
–0.004
–0.005
–40
25
105
TEMPERATURE (°C)
4mA TO 20mA INTERNAL RSET LINEARITY
0mA TO 24mA INTERNAL RSET LINEARITY
Figure 13. Integral Nonlinearity Error vs. Temperature,
Internal RSET Sense Resistor
0.003
0.004
0.005
0.002
0.001
0
–0.001
–0.002
–0.003
–0.004
–0.005
–40
25
105
TEMPERATURE (°C)
4mA TO 20mA EXTERNAL RSET LINEARITY
0mA TO 24mA EXTERNAL RSET LINEARITY
Figure 14. Integral Nonlinearity Error vs. Temperature,
External RSET Sense Resistor
0.06
0.08
0.10
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
–40
25
105
TEMPERATURE (°C)
4mA TO 20mA INTERNAL RSET POSITIVE TUE
0mA TO 24mA INTERNAL RSET POSITIVE TUE
4mA TO 20mA INTERNAL RSET NEGATIVE TUE
0mA TO 24mA INTERNAL RSET NEGATIVE TUE
Figure 15. Total Unadjusted Error vs. Temperature, Internal RSET Sense Resistor
0.06
0.08
0.10
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
–40
25
105
TEMPERATURE (°C)
4mA TO 20mA EXTERNAL RSET POSITIVE TUE
0mA TO 24mA EXTERNAL RSET POSITIVE TUE
4mA TO 20mA EXTERNAL RSET NEGATIVE TUE
0mA TO 24mA EXTERNAL RSET NEGATIVE TUE
Figure 16. Total Unadjusted Error vs. Temperature, External RSET Sense Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com