Electronic Components Datasheet Search
  English  ▼

X  

AD5749 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5749
Description  Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5749 Datasheet HTML 12Page - Analog Devices AD5749 Datasheet HTML 13Page - Analog Devices AD5749 Datasheet HTML 14Page - Analog Devices AD5749 Datasheet HTML 15Page - Analog Devices AD5749 Datasheet HTML 16Page - Analog Devices AD5749 Datasheet HTML 17Page - Analog Devices AD5749 Datasheet HTML 18Page - Analog Devices AD5749 Datasheet HTML 19Page - Analog Devices AD5749 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD5749
Rev. 0 | Page 16 of 28
THEORY OF OPERATION
The AD5749 is a single-channel, low cost, precision, current
output driver with hardware or software programmable output
ranges. The software ranges are configured via an SPI-/
MICROWIRE-compatible serial interface. The hardware ranges
are programmed using the range pins (R0 to R3). The analog
input to the AD5749 is provided from a low voltage, single-supply
DAC (0 V to 4.096 V), which is internally conditioned to provide
the desired output current range.
The output current range is programmable across two ranges:
0 mA to 24 mA, or 4 mA to 20 mA. An overrange of 2% is
available on the 0 mA to 24 mA and 4 mA to 20 mA current
ranges. The output range is selected by programming the R3
to R0 bits in the control register (see Table 7 and Table 8).
Figure 31 and Figure 32 show a typical configuration of AD5749 in
software mode and in hardware mode, respectively, in an output
module system. The HW SELECT pin chooses whether the part
is configured in software or hardware mode. The analog input to
the AD5749 is provided from a low voltage, single-supply DAC
such as the AD506x or AD566x, which can provide an output
range of 0 V to 4.096 V. The supply and reference for the DAC,
as well as the reference for the AD5749, can be supplied from a
reference such as the ADR392. The AD5749 can operate with a
single supply up to 55 V.
SOFTWARE MODE
The software-selectable output ranges are 0 mA to 24 mA, or
4 mA to 20 mA.
VIN
SCLK
VDD
REFIN
SDI/DIN
SDO
SYNC1
SYNC
SDO
SDIN
SCLK
MCU
STATUS REGISTER
VREF
HW SELECT
FAULT
ADP1720
ADR392
AVDD
AGND
AVDD
GND
AD5749
AD506x
AD566x
SERIAL
INTERFACE
IOUT OPEN FAULT
OVERTEMP FAULT
IOUT
RANGE
SCALE
IOUT
0mA TO 20mA,
0mA TO 24mA,
4mA TO 20mA
Figure 31. Typical System Configuration in Software Mode (Pull-Up Resistors Not Shown for Open-Drain Outputs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com