Electronic Components Datasheet Search
  English  ▼

X  

AD5749 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5749
Description  Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5749 Datasheet HTML 19Page - Analog Devices AD5749 Datasheet HTML 20Page - Analog Devices AD5749 Datasheet HTML 21Page - Analog Devices AD5749 Datasheet HTML 22Page - Analog Devices AD5749 Datasheet HTML 23Page - Analog Devices AD5749 Datasheet HTML 24Page - Analog Devices AD5749 Datasheet HTML 25Page - Analog Devices AD5749 Datasheet HTML 26Page - Analog Devices AD5749 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD5749
Rev. 0 | Page 23 of 28
PACKET ERROR CHECKING
To verify that data has been received correctly in noisy
environments, the AD5749 offers the option of error checking
based on an 8-bit (CRC-8) cyclic redundancy check. The device
controlling the AD5749 should generate an 8-bit frame check
sequence using the following polynomial:
C(x) = x8 + x2 + x1 + 1
This is added to the end of the data-word, and 24 data bits are
sent to the AD5749 before taking SYNC high. If the AD5749
receives a 24-bit data frame, it performs the error check when
SYNC goes high. If the check is valid, then the data is written to
the selected register. If the error check fails, the FAULT pin goes
low and Bit D3 of the status register is set. After reading this
register, this error flag is cleared automatically and the FAULT
pin goes high again.
SCLK
SDIN
SYNC
UPDATE ON SYNC HIGH
D15
(MSB)
D0
(LSB)
16-BIT DATA
16-BIT DATA TRANSER—NO ERROR CHECKING
SCLK
SDIN
SYNC
FAULT
UPDATE AFTER SYNC HIGH
ONLY IF ERROR CHECK PASSED
FAULT GOES LOW IF
ERROR CHECK FAILS
D23
(MSB)
D8
(LSB)
D7
D0
16-BIT DATA
8-BIT FCS
16-BIT DATA TRANSER WITH ERROR CHECKING
Figure 34. PEC Error Checking Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com