Electronic Components Datasheet Search
  English  ▼

X  

AD5749 Datasheet(PDF) 25 Page - Analog Devices

Part # AD5749
Description  Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5749 Datasheet HTML 20Page - Analog Devices AD5749 Datasheet HTML 21Page - Analog Devices AD5749 Datasheet HTML 22Page - Analog Devices AD5749 Datasheet HTML 23Page - Analog Devices AD5749 Datasheet HTML 24Page - Analog Devices AD5749 Datasheet HTML 25Page - Analog Devices AD5749 Datasheet HTML 26Page - Analog Devices AD5749 Datasheet HTML 27Page - Analog Devices AD5749 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD5749
Rev. 0 | Page 25 of 28
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. The PCB on which the AD5749 is
mounted should be designed so that the AD5749 lies on the
analog plane.
The AD5749 should have ample supply bypassing of 10 μF in
parallel with 0.1 μF on each supply, located as close to the
package as possible, ideally right up against the device. The
10 μF capacitors are the tantalum bead type. The 0.1 μF capaci-
tor should have low effective series resistance (ESR) and low
effective series inductance (ESI) such as the common ceramic
types, which provide a low impedance path to ground at high
frequencies to handle transient currents due to internal logic
switching.
In systems where there are many devices on one board, it is often
useful to provide some heat sinking capability to allow the power
to dissipate easily.
AD5749
GND
PLANE
BOARD
Figure 36. Paddle Connection to Board
The AD5749 has an exposed paddle beneath the device.
Connect this paddle to the GND of the AD5749. For optimum
performance, special considerations should be used to design
the motherboard and to mount the package. For enhanced
thermal, electrical, and board level performance, the exposed
paddle on the bottom of the package should be soldered to the
corresponding thermal land paddle on the PCB (GND).
Thermal vias should be designed into the PCB land paddle area
to further improve heat dissipation.
GALVANICALLY ISOLATED INTERFACE
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled to protect and isolate the controlling circuitry from
any hazardous common-mode voltages that may occur. The
iCoupler® family of products from Analog Devices, Inc., provides
voltage isolation in excess of 5.0 kV. The serial loading structure
of the AD5749 makes it ideal for isolated interfaces because the
number of interface lines is kept to a minimum. Figure 37 shows a
4-channel isolated interface to the AD5749 using an ADuM1400.
For further information, visit http://www.analog.com/icouplers.
VIA
VOA
VIB
VOB
VIC
VOC
VID
VOD
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
SERIAL
CLOCK OUT
SERIAL
DATA OUT
SYNC OUT
CONTROL OUT
CONTROLLER
TO
SCLK
TO
SDIN
TO
SYNC
TO
CLEAR
ADuM14001
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 37. Isolated Interface
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5749 is via a serial bus that
uses a protocol compatible with microcontrollers and DSP proces-
sors. The communication channel is a 3-wire (minimum)
interface consisting of a clock signal, a data signal, and a SYNC
signal. The AD5749 requires a 16-bit data-word with data valid
on the falling edge of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com