Electronic Components Datasheet Search
  English  ▼

X  

AD9961 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9961
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9961 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9961 Datasheet HTML 35Page - Analog Devices AD9961 Datasheet HTML 36Page - Analog Devices AD9961 Datasheet HTML 37Page - Analog Devices AD9961 Datasheet HTML 38Page - Analog Devices AD9961 Datasheet HTML 39Page - Analog Devices AD9961 Datasheet HTML 40Page - Analog Devices AD9961 Datasheet HTML 41Page - Analog Devices AD9961 Datasheet HTML 42Page - Analog Devices AD9961 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
AD9961/AD9963
Rev. 0 | Page 39 of 60
Interpolation Filter Coefficients
The interpolation filters, INT0 and INT1, are half-band filters
implemented with a symmetric set of coefficients. Every other
coefficient (even coefficients) except the center coefficient is
zero. The coefficient values for the three interpolation filters are
listed in Table 17 to Table 19.
Table 17. Coefficient Values for INT0
Lower Coefficient
Upper Coefficient
Value
H(1)
H(43)
12
H(3)
H(41)
−32
H(5)
H(39)
72
H(7)
H(37)
−140
H(9)
H(35)
252
H(11)
H(33)
−422
H(13)
H(31)
682
H(15)
H(29)
−1086
H(17)
H(27)
1778
H(19)
H(25)
−3284
H(21)
H(23)
10364
H(22)
16384
Table 18. Coefficient Values for INT1
Lower Coefficient
Upper Coefficient
Value
H(1)
H(19)
26
H(3)
H(17)
−138
H(5)
H(15)
466
H(7)
H(13)
−1314
H(9)
H(11)
5058
H(10)
8191
Table 19. Coefficient Values for SRRC Filter
Lower Coefficient
Upper Coefficient
Value
H(1)
H(53)
−2
H(2)
H(52)
−2
H(3)
H(51)
8
H(4)
H(50)
−4
H(5)
H(49)
−21
H(6)
H(48)
10
H(7)
H(47)
44
H(8)
H(46)
−29
H(9)
H(45)
−79
H(10)
H(44)
66
H(11)
H(43)
123
H(12)
H(42)
−127
H(13)
H(41)
−183
H(14)
H(40)
232
H(15)
H(39)
251
H(16)
H(38)
−394
H(17)
H(37)
−326
H(18)
H(36)
642
H(19)
H(35)
401
H(20)
H(34)
−1034
H(21)
H(33)
−469
H(22)
H(32)
1704
H(23)
H(31)
523
H(24)
H(30)
−3160
H(25)
H(29)
−560
H(26)
H(28)
9996
H(27)
16383
Data Flow and Clock Generation
The transmit port TXD[11:0] and TXIQ signals are captured
from by the device with an input latch. The data is then
formatted and buffered in an 8-word deep FIFO. The data exits
the FIFO and is processed by whichever interpolation filters are
enabled. The data is then sampled by the transmit DACs.
The FIFO absorbs any phase drift between the two clock
domains that drive the transmit data. The data is read from the
FIFO by the RDCLK signal. The RDCLK signal is always the
DACCLK divided by the interpolation ratio, I. Data is written to
the FIFO by the WRCLK signal at the quadrature data input
rate, fDATA. fDATA is equal to one-half the bus speed because the I
and Q samples are interleaved.
Figure 52 shows the block diagram of the transmit path data
flow in full-duplex mode. Also shown in the diagram are the
input data clocking options and the clock doubler selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com