Electronic Components Datasheet Search
  English  ▼

X  

AD9961 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9961
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9961 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9961 Datasheet HTML 21Page - Analog Devices AD9961 Datasheet HTML 22Page - Analog Devices AD9961 Datasheet HTML 23Page - Analog Devices AD9961 Datasheet HTML 24Page - Analog Devices AD9961 Datasheet HTML 25Page - Analog Devices AD9961 Datasheet HTML 26Page - Analog Devices AD9961 Datasheet HTML 27Page - Analog Devices AD9961 Datasheet HTML 28Page - Analog Devices AD9961 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
AD9961/AD9963
Rev. 0 | Page 25 of 60
Register Name
Register
Address
Bit(s)
Parameter
Function
2
SRRC_BP
1: bypass 2× SRRC interpolation filter (SRRC).
The filter chain is SRRC
→INT0→INT1.
If SRRC filter is enabled, the other two filters are enabled too.
1
TXCLK_EN
1: enables data clocks for transmit path.
0
RXCLK_EN
1: enables data clocks for receive path.
Tx Data Interface
0x31
7
TX_SDR
0: chooses DDR clocking mode. Tx data is driven out on both edges of
the TXCLK signal.
1: chooses bus rate clocking mode. Tx data is driven out on one edge of
the TXCLK signal.
6
TXCKO_INV
This signal inverts the phase of the transmit path output clock signal.
0: transmit path data transitions on the positive edge of the TXCLK signal.
1: transmit path data transitions on the positive edge of the TXCLK signal.
5:4
TXCLK_MD[1:0]
Controls the mode of the TXCLK pin. The TXCLK pin can be configured as
an input or an output. When configured as an output, it can have two
possible sources, the internal TXCLK signal or the DLL output signal.
00: disabled.
01: the TXCLK pin is configured as an input.
10: the TXCLK pin is configured as an output. The source signal is the
transmit path clock signal.
11: the TXCLK pin is configured as an output. The source signal is the DLL
output signal.
Note that the TXCLK signal may appear on either the TXCLK pin or the
TRXCLK pin, depending on the mode of the device. In Half-Duplex 1-
Clock mode, this signal is present on the TRXCLK pin when TX is active. In
Half-Duplex 2-Clock mode and Full-Duplex mode, this signal is present
on the TXCLK pin.
3
TXCKI_INV
Selects which edge of the TXCLK signal samples the transmit path data.
0: TXPCLK negative edge latches transmit path data.
1: TXPCLK positive edge latches transmit path data.
2
TXIQ_HILO
Data appears on the TXD bus sequentially but is loaded into the transmit
path in pairs. TXIQ_HILO selects how the TXIQ signal marks each data
pair.
0: each data pair is marked by TXIQ being low then high.
1: each data pair is marked by TXIQ being high then low.
1
TX_IFIRST
This bit sets the data pairing order of the I and Q samples on transmit
path.
0: selects that Q is first, followed by I.
1: selects that I is first, followed by Q.
0
TX_BNRY
This bit selects the data format of the transmit path data.
0: selects twos complement.
1: selects straight binary.
Rx Data Interface
0x32
7
RX_SDR
0: chooses DDR clocking mode. Rx data is driven out on both edges of
the TRXCLK signal.
1: chooses bus rate clocking mode. Rx data is driven out on one edge of
the TRXCLK signal.
6
Unused
5:4
RXCLK_MD[1:0]
This sets the way the internal RXCLK signal in the chip is driven.
00: disabled.
01: disabled.
10: RXCLK is driven by internal Rx path clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com