Electronic Components Datasheet Search
  English  ▼

X  

AD9961 Datasheet(PDF) 47 Page - Analog Devices

Part # AD9961
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9961 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9961 Datasheet HTML 43Page - Analog Devices AD9961 Datasheet HTML 44Page - Analog Devices AD9961 Datasheet HTML 45Page - Analog Devices AD9961 Datasheet HTML 46Page - Analog Devices AD9961 Datasheet HTML 47Page - Analog Devices AD9961 Datasheet HTML 48Page - Analog Devices AD9961 Datasheet HTML 49Page - Analog Devices AD9961 Datasheet HTML 50Page - Analog Devices AD9961 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
AD9961/AD9963
Rev. 0 | Page 47 of 60
The DLL is composed of a ring oscillator made from a
programmable delay line. The ring oscillator output signal is
labeled as MCLK. The MCLK signal is set to oscillate at a
frequency M times greater than the REFCLK signal. The DLL
output clock, DLLCLK, is the MCLK signal divided by a
programmable factor, N. M can be set to values from 1 to 32
and N can be set to values from 1 to 6 and 8.
DLL Frequency Locking Range
The DLL frequency lock range is determined by the output
frequency of the ring oscillator, MCLK. The DLL locks over an
MCLK frequency range of 100 MHz to 310 MHz. Verifying that
the DLL is locked can be done by polling the DLL_Locked bit
(Register 0x72, Bit 7).
DLL Filter Considerations
The DLL requires an external loop filter between the DLLFILT
pin (Pin 54) and ground for stable operation. The circuit
diagram in Figure 71 shows the recommended DLL filter
configuration. The external components should be placed as
close as possible to the device pins. It is important that no noise
be coupled into the filter circuit or DLL output clock jitter
performance is degraded.
RZ
22.5
Ω
CP
CZ
820pF
68nF
DLLFILT
Figure 71. Recommended DLL Loop Filter
DLL Start-Up Routine
To enable the DLL, three bits should be set. The DLL_EN bit
(Register 0x60, Bit 7) and the DLL_REF_EN bit (Register 0x71,
Bit 4) should be set to 1 and the DLLBIAS_PD bit (Register
0x61, Bit 5) should be set to 0.
The CLK input signal should be stable. The DLL_RESB bit
should be asserted low for a minimum of 25 µs, and then
brought inactive (high) to start the frequency acquisition. The
DLL takes several REFCLK cycles to acquire lock. The
DLL_Locked bit can be queried to verify the DLL is locked.
CONFIGURING THE CLOCK DOUBLERS
The receive and transmit data path each have a clock doubler
used for clocking data through the device. These clock doublers
are only used in single data rate clocking mode, when there is
no interpolation or decimation being used.
These doublers should be configured according to the following
guidelines.
Register 0x3A, Register 0x3B, and Register 0x3C configure the
operating points of the doublers and should be initialized with
the following values:
0x3A = 0x55, 0x3B = 0x55, 0x3C = 0x00
The clock doubler mode and pulse widths should be configured
based on the DAC and ADC sample rates. These should be
configured according to Table 22.
Table 22. Clock Doubler Configuration Guidelines
DACCLK/AUXADCCLK Freq
(MHz)
TXDBLSEL
Register 0x39,
Bit 0
TX_DBLPW[2:0]
Register 0x3E,
Bits[5:3]
RXDBLSEL
Register 0x39,
Bit 1
RX_DBLPW[2:0]
Register 0x3E,
Bits[2:0]
DCS_BP1
Register 0x66,
Bit 2
0 to 15
0
111
0
111
1
15 to 30
1
X2
0
111
1
30 to 45
1
X2
0
110
1
45 to 55
1
X2
0
101
1
55 to 65
1
X2
0
100
1
65 to 70
1
X2
0
011
1
70 to ≥70
1
X2
1
X2
0
1 The DCS_BP bit should be set based on the AUXADCCLK frequency.
2 X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com