Electronic Components Datasheet Search
  English  ▼

X  

MAX9613 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9613
Description  Low-Power, High-Efficiency, Single/Dual, Rail-to-Rail I/O Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9613 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9613 Datasheet HTML 1Page - Maxim Integrated Products MAX9613 Datasheet HTML 2Page - Maxim Integrated Products MAX9613 Datasheet HTML 3Page - Maxim Integrated Products MAX9613 Datasheet HTML 4Page - Maxim Integrated Products MAX9613 Datasheet HTML 5Page - Maxim Integrated Products MAX9613 Datasheet HTML 6Page - Maxim Integrated Products MAX9613 Datasheet HTML 7Page - Maxim Integrated Products MAX9613 Datasheet HTML 8Page - Maxim Integrated Products MAX9613 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
_______________________________________________________________________________________ 3
Low-Power, High-Efficiency,
Single/Dual, Rail-to-Rail I/O Op Amps
ELECTRICAL CHARACTERISTICS (continued)
(VCC = VSHDN = 3.3V, VIN+ = VIN- = VCM = 0V, RL = 10kI to VCC/2, TA = -40NC to +125NC. Typical values are at TA = +25NC, unless
otherwise noted.) (Note 2)
Note 2: All devices are 100% production tested at TA = +25NC. Temperature limits are guaranteed by design.
Note 3: Guaranteed by design, not production tested.
Note 4: Do not exceed package thermal dissipation in the Absolute Maximum Ratings section.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage High
VOH
RL = 10kI
VCC -
0.011
V
RL = 600I
VCC -
0.1
RL = 32I
VCC -
0.560
AC CHARACTERISTICS
Input Voltage Noise Density
en
f = 10kHz
28
nV/√Hz
Input Voltage Noise
Total noise 0.1Hz P f P 10Hz
5
F
VP-P
Input Current Noise Density
In
f = 10kHz
0.1
fA/√Hz
Gain Bandwidth
GBW
2.8
MHz
Slew Rate
SR
1.3
V/Fs
Capacitive Loading
CLOAD
No sustained oscillation
200
pF
Total Harmonic Distortion
THD
f = 10kHz, VOUT = 2VP-P, AV = 1V/V
85
dB
POWER-SUPPLY CHARACTERISTICS
Power-Supply Range
VCC
Guaranteed by PSRR
1.8
5.5
V
TA = 0NC to +70NC, guaranteed by PSSR
1.7
5.5
Power-Supply Rejection Ratio
PSRR
TA = +25NC
85
106
dB
TA = -40NC to +125NC
83
Quiescent Current
ICC
Per amplifier, TA = +25NC
220
305
F
A
Per amplifier
420
Shutdown Supply Current
ISHDN
MAX9613 only
1
F
A
Shutdown Input Low
VIL
MAX9613 only
0.5
V
Shutdown Input High
VIH
MAX9613 only
1.4
V
Output Impedance in Shutdown
ROUT_SHDN MAX9613 only
10
MI
Turn-On Time from SHDN
tON
MAX9613 only
20
F
s
Power-Up Time
tUP
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com