Electronic Components Datasheet Search
  English  ▼

X  

MAX9613 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9613
Description  Low-Power, High-Efficiency, Single/Dual, Rail-to-Rail I/O Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9613 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9613 Datasheet HTML 1Page - Maxim Integrated Products MAX9613 Datasheet HTML 2Page - Maxim Integrated Products MAX9613 Datasheet HTML 3Page - Maxim Integrated Products MAX9613 Datasheet HTML 4Page - Maxim Integrated Products MAX9613 Datasheet HTML 5Page - Maxim Integrated Products MAX9613 Datasheet HTML 6Page - Maxim Integrated Products MAX9613 Datasheet HTML 7Page - Maxim Integrated Products MAX9613 Datasheet HTML 8Page - Maxim Integrated Products MAX9613 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 ______________________________________________________________________________________
Low-Power, High-Efficiency,
Single/Dual, Rail-to-Rail I/O Op Amps
Typical Operating Characteristics
(VCC = 3.3V, VIN+ = VIN- = 0V, VCM = VCC/2, RL = 10kI to VCC/2, values are at TA = +25NC, unless otherwise noted.)
INPUT BIAS CURRENT vs.
COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
3.5
3.0
2.0 2.5
1.0 1.5
0.5
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
4.0
TA = +25°C
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
100
75
50
25
0
-25
0.1
1
10
100
0.01
-50
125
VCM = 0V
POWER-UP TRANSIENT
MAX9613 toc09
VOUT
200mV/div
VCC
2V/div
GND
GND
4ms/div
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
50
100
150
200
250
300
0
1.5
6.5
RLOAD = NO LOAD
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
100
75
50
25
0
-25
-50
125
50
100
150
200
250
300
0
RLOAD = NO LOAD
INPUT BIAS CURRENT
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
2.5
2.0
1.5
1.0
0.5
0.1
1
10
100
1000
10,000
0.01
0
3.0
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
TA = 0°C
OFFSET VOLTAGE vs. COMMON-MODE
VOLTAGE vs. TEMPERATURE
COMMON-MODE VOLTAGE (V)
3.0 3.5
2.5
2.0
1.5
1.0
0.5
0
-150
-100
-50
0
50
100
150
-200
-0.5
4.0
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
OFFSET VOLTAGE vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
10
20
30
40
50
60
0
1.5
5.5
OFFSET VOLTAGE HISTOGRAM
OFFSET VOLTAGE (µV)
50
40
10
20
30
5
10
15
20
25
30
35
40
0
0
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com