Electronic Components Datasheet Search
  English  ▼

X  

MAX9613 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9613
Description  Low-Power, High-Efficiency, Single/Dual, Rail-to-Rail I/O Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9613 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9613 Datasheet HTML 2Page - Maxim Integrated Products MAX9613 Datasheet HTML 3Page - Maxim Integrated Products MAX9613 Datasheet HTML 4Page - Maxim Integrated Products MAX9613 Datasheet HTML 5Page - Maxim Integrated Products MAX9613 Datasheet HTML 6Page - Maxim Integrated Products MAX9613 Datasheet HTML 7Page - Maxim Integrated Products MAX9613 Datasheet HTML 8Page - Maxim Integrated Products MAX9613 Datasheet HTML 9Page - Maxim Integrated Products MAX9613 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6 ______________________________________________________________________________________
Low-Power, High-Efficiency,
Single/Dual, Rail-to-Rail I/O Op Amps
Typical Operating Characteristics (continued)
(VCC = 3.3V, VIN+ = VIN- = 0V, VCM = VCC/2, RL = 10kI to VCC/2, values are at TA = +25NC, unless otherwise noted.)
OPEN-LOOP GAIN vs. FREQUENCY
FREQUENCY (kHz)
1000
100
10
1
0.1
0.01
20
40
60
80
100
120
0
0.001
10,000
STABILITY vs. CAPACITIVE AND
RESISTIVE LOAD IN PARALLEL
CAPACITIVE LOAD (pF)
900
800
700
600
500
400
300
200
100
2
4
6
8
10
12
14
0
0
1000
UNSTABLE
STABLE
STABILITY vs. CAPACITANCE WITH
SERIES ISOLATION RESISTOR
CAPACITIVE LOAD (pF)
1000
800
200
400
600
10
20
30
40
50
60
70
80
0
0
1200
UNSTABLE
STABLE
100mV STEP RESPONSE
CLOAD = 200pF
MAX9613 toc22
VOUT
50mV/div
VIN
50mV/div
GND
GND
1µs/div
2V STEP RESPONSE
CLOAD = 200pF
MAX9613 toc23
VOUT
1V/div
VIN
1V/div
GND
GND
4µs/div
RECOVERY FROM SATURATION
OUTPUT SATURATED TO GND
MAX9613 toc24
VOUT
500mV/div
VIN
50mV/div
GND
GND
10µs/div
AV = 10V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com