Electronic Components Datasheet Search
  English  ▼

X  

2SC5551 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5551
Description  High-Frequency Medium-Output Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5551 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5551 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5551 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5551 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5551 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5551 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Epitaxial Planar Silicon Transistor
High-Frequency Medium-Output
Amplifier Applications
Ordering number:ENN6328
2SC5551
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
21000TS (KOTO) TA-2665 No.6328–1/5
4.5
1.6
0.5
0.4
1.5
3.0
1.5
0.4
0.75
3
2
1
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2038A
[2SC5551]
Features
· High fT : (fT=3.5GHz typ).
· Large current : (IC=300mA).
· Large allowable collector dissipation (1.3W max).
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Base
2 : Collector
3 : Emitter
SANYO : PCP
(Bottom view)
Continued on next page.
* : The 2SC5551 is classified by 50mA hFE as follows :
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
4V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
3V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
2V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
0
3A
m
)
e
s
l
u
p
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
0
0
6A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
m
m
0
5
2
(
d
r
a
o
b
c
i
m
a
r
e
c
a
n
o
d
e
t
n
u
o
M
2
×
)
m
m
8
.
03
.
1W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
2
=
E 0
=0
.
1A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
1
=
C 0
=0
.
5A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F 1V E
C
I
,
V
5
=
C
A
m
0
5
=
0
90
7
2
h E
F 2V E
C
I
,
V
5
=
C
A
m
0
0
3
=
0
2
g
n
i
k
r
a
MB
E
k
n
a
RE
F
h E
F
0
8
1
o
t
0
90
7
2
o
t
5
3
1


Similar Part No. - 2SC5551

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5551A SANYO-2SC5551A Datasheet
82Kb / 4P
High-Frequency Medium-Output Amplifier Applications
2SC5551A SANYO-2SC5551A Datasheet
403Kb / 6P
High-Frequency Medium-Output Amplifier Applications
logo
ON Semiconductor
2SC5551A ONSEMI-2SC5551A Datasheet
299Kb / 6P
RF Transistor
August, 2013
2SC5551AE-TD-E ONSEMI-2SC5551AE-TD-E Datasheet
299Kb / 6P
RF Transistor
August, 2013
logo
Sanyo Semicon Device
2SC5551AF-TD-E SANYO-2SC5551AF-TD-E Datasheet
82Kb / 4P
High-Frequency Medium-Output Amplifier Applications
More results

Similar Description - 2SC5551

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1969 SANYO-2SA1969 Datasheet
111Kb / 4P
High-Frequency Medium-Output Amplifier, Medium-Current Ultrahigh-Speed Switching Applications
CPH3004 SANYO-CPH3004 Datasheet
48Kb / 7P
High-Frequency Medium-Power Amplifier Applications
2SC5551A SANYO-2SC5551A Datasheet
82Kb / 4P
High-Frequency Medium-Output Amplifier Applications
2SC5347A SANYO-2SC5347A Datasheet
78Kb / 6P
High-Frequency Semi-Power Output Stage, Low-Noise Medium Output Amplifier Applications
CPH6003A SANYO-CPH6003A Datasheet
64Kb / 5P
High-frequency Medium-power Amplifier Applications
2SC5551A SANYO-2SC5551A_12 Datasheet
403Kb / 6P
High-Frequency Medium-Output Amplifier Applications
CPH6003A SANYO-CPH6003A_12 Datasheet
536Kb / 7P
High-frequency Medium-power Amplifier Applications
2SC5551AF-TD-E SANYO-2SC5551AF-TD-E Datasheet
82Kb / 4P
High-Frequency Medium-Output Amplifier Applications
CPH6003A-D SANYO-CPH6003A-D Datasheet
531Kb / 7P
High-frequency Medium-power Amplifier Applications
logo
Toshiba Semiconductor
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com