Electronic Components Datasheet Search
  English  ▼

X  

2SC5551 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5551
Description  High-Frequency Medium-Output Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5551 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5551 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5551 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5551 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5551 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5551 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5551
No.6328–3/5
S Parameters (Common emitter)
VCE=5V, IC=1mA, ZO=50Ω
IT01072
IT01073
PC -- Ta
A S O
1.0
2
3
5
7
10
2
35
10
2
3
5
7
100
2
3
5
7
1000
IC=300mA
ICP=600mA
DC
operation
020
40
60
80
100
120
140
160
0
0.2
0.4
0.6
0.8
1.0
1.2
1.3
1.4
10ms
Ambient Temperature, Ta – ˚C
Mounted
on
a
ceramic
board
(250mm
2
×
0.8mm)
Ta=25
°C
Single pulse
Mounted on a ceramic board (250mm2
×0.8mm)
Collector-to-Emitter Voltage, VCE –V
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
11
4
9
.
01
.
1
0
1
–3
7
3
.
29
.
9
1
18
8
0
.
07
.
8
34
8
8
.
08
.
7
1
–
0
0
29
5
8
.
00
.
1
4
1
–5
2
4
.
18
.
3
97
9
0
.
03
.
8
11
2
8
.
02
.
5
2
–
0
0
39
2
8
.
06
.
8
5
1
–0
9
9
.
04
.
9
78
8
0
.
00
.
2
15
5
7
.
08
.
3
3
–
0
0
41
3
8
.
05
.
9
6
1
–5
4
8
.
02
.
9
64
7
0
.
07
.
0
16
6
7
.
09
.
1
4
–
0
0
50
4
8
.
06
.
8
7
1
–5
1
7
.
01
.
1
68
5
0
.
02
.
5
28
9
7
.
09
.
9
4
–
0
0
66
1
8
.
03
.
2
7
18
3
6
.
07
.
4
55
5
0
.
06
.
1
50
9
7
.
04
.
8
5
–
0
0
76
1
8
.
09
.
4
6
17
0
5
.
08
.
9
44
6
0
.
04
.
8
71
7
7
.
07
.
6
6
–
0
0
84
1
8
.
03
.
7
5
16
6
4
.
00
.
7
48
9
0
.
03
.
7
83
1
8
.
00
.
5
7
–
0
0
90
0
8
.
09
.
0
5
13
4
4
.
07
.
5
44
3
1
.
02
.
0
92
9
7
.
08
.
2
8
–
0
0
0
14
0
8
.
00
.
5
4
18
8
3
.
03
.
7
43
7
1
.
02
.
2
92
8
7
.
00
.
0
9
–
VCE=5V, IC=5mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
13
0
8
.
09
.
4
1
1
–4
1
4
.
77
.
5
1
18
6
0
.
03
.
1
45
3
6
.
03
.
6
3
–
0
0
24
2
7
.
03
.
1
5
1
–2
7
1
.
47
.
3
96
7
0
.
05
.
1
32
7
4
.
07
.
1
4
–
0
0
31
0
7
.
09
.
5
6
1
–2
5
9
.
23
.
2
88
7
0
.
00
.
5
31
3
4
.
04
.
5
4
–
0
0
40
0
7
.
01
.
5
7
1
–6
8
2
.
29
.
3
72
8
0
.
09
.
2
42
3
4
.
02
.
0
5
–
0
0
53
9
6
.
01
.
7
7
17
5
8
.
16
.
6
61
9
0
.
09
.
1
57
3
4
.
06
.
6
5
–
0
0
69
8
6
.
02
.
0
7
19
5
5
.
10
.
0
60
0
1
.
06
.
8
53
4
4
.
04
.
3
6
–
0
0
75
9
6
.
03
.
4
6
11
7
3
.
13
.
4
57
1
1
.
07
.
4
61
5
4
.
03
.
0
7
–
0
0
81
9
6
.
03
.
8
5
14
7
1
.
18
.
8
47
3
1
.
01
.
9
63
6
4
.
03
.
7
7
–
0
0
93
9
6
.
00
.
3
5
17
6
0
.
15
.
4
41
6
1
.
04
.
1
79
7
4
.
01
.
4
8
–
0
0
0
15
0
7
.
09
.
7
4
18
8
9
.
09
.
0
49
8
1
.
03
.
2
76
9
4
.
03
.
0
9
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
18
1
7
.
02
.
7
2
1
–9
8
4
.
0
13
.
1
1
19
5
0
.
00
.
3
49
0
5
.
08
.
0
5
–
0
0
28
5
6
.
09
.
7
5
1
–7
4
7
.
52
.
2
99
6
0
.
00
.
1
49
2
3
.
08
.
8
5
–
0
0
39
3
6
.
04
.
0
7
1
–2
8
8
.
37
.
2
89
7
0
.
07
.
7
46
8
2
.
00
.
1
6
–
0
0
42
3
6
.
07
.
8
7
1
–4
5
9
.
24
.
5
72
9
0
.
08
.
2
51
7
2
.
02
.
5
6
–
0
0
58
2
6
.
06
.
4
7
15
0
4
.
28
.
8
67
0
1
.
04
.
7
53
7
2
.
05
.
0
7
–
0
0
67
2
6
.
05
.
8
6
10
4
0
.
28
.
2
64
2
1
.
05
.
0
60
8
2
.
09
.
6
7
–
0
0
76
2
6
.
09
.
2
6
18
7
7
.
14
.
7
53
4
1
.
09
.
2
66
9
2
.
06
.
1
8
–
0
0
89
2
6
.
04
.
7
5
11
7
5
.
13
.
2
52
6
1
.
07
.
4
66
0
3
.
09
.
7
8
–
0
0
91
3
6
.
07
.
2
5
15
0
4
.
19
.
7
45
8
1
.
08
.
4
68
1
3
.
09
.
3
9
–
0
0
0
13
3
6
.
00
.
8
4
12
9
2
.
17
.
3
49
0
2
.
08
.
4
69
3
3
.
04
.
8
9
–
VCE=5V, IC=10mA, ZO=50Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com