Electronic Components Datasheet Search
  English  ▼

X  

2SC5551 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5551
Description  High-Frequency Medium-Output Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5551 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5551 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5551 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5551 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5551 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5551 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC5551
No.6328–4/5
VCE=5V, IC=50mA, ZO=50Ω
VCE=5V, IC=100mA, ZO=50Ω
VCE=5V, IC=20mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
13
5
6
.
08
.
7
3
1
–2
4
0
.
3
16
.
7
0
11
5
0
.
08
.
6
43
2
4
.
05
.
8
6
–
0
0
28
0
6
.
06
.
3
6
1
–1
4
8
.
63
.
1
97
6
0
.
00
.
0
52
5
2
.
04
.
4
8
–
0
0
31
9
5
.
04
.
4
7
1
–0
1
6
.
40
.
3
83
8
0
.
01
.
6
51
0
2
.
05
.
1
9
–
0
0
44
8
5
.
04
.
8
7
14
0
5
.
34
.
6
72
0
1
.
02
.
9
56
8
1
.
07
.
5
9
–
0
0
50
8
5
.
02
.
2
7
12
5
8
.
25
.
0
72
2
1
.
01
.
1
66
8
1
.
02
.
0
0
1
–
0
0
69
7
5
.
07
.
6
6
17
2
4
.
23
.
5
64
4
1
.
02
.
2
65
9
1
.
00
.
4
0
1
–
0
0
76
7
5
.
02
.
1
6
10
0
1
.
21
.
0
65
6
1
.
04
.
2
65
0
2
.
04
.
7
0
1
–
0
0
86
7
5
.
01
.
6
5
11
7
8
.
15
.
5
56
8
1
.
03
.
2
65
1
2
.
09
.
1
1
1
–
0
0
98
7
5
.
06
.
1
5
14
8
6
.
11
.
1
59
0
2
.
05
.
1
69
2
2
.
04
.
5
1
1
–
0
0
0
11
8
5
.
02
.
7
4
12
4
5
.
12
.
7
41
3
2
.
04
.
0
61
4
2
.
07
.
8
1
1
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
11
1
6
.
00
.
7
4
1
–7
8
9
.
4
16
.
4
0
17
4
0
.
03
.
1
51
7
3
.
08
.
8
8
–
0
0
23
7
5
.
09
.
8
6
1
–0
0
7
.
74
.
0
96
6
0
.
03
.
7
51
4
2
.
09
.
5
1
1
–
0
0
36
5
5
.
08
.
7
7
1
–4
7
1
.
51
.
3
88
8
0
.
08
.
1
65
0
2
.
04
.
8
2
1
–
0
0
41
5
5
.
07
.
5
7
12
3
9
.
34
.
7
71
1
1
.
04
.
3
62
9
1
.
03
.
5
3
1
–
0
0
55
4
5
.
09
.
9
6
12
0
2
.
30
.
2
76
3
1
.
08
.
3
60
9
1
.
05
.
8
3
1
–
0
0
62
4
5
.
05
.
4
6
10
1
7
.
21
.
7
60
6
1
.
03
.
3
65
9
1
.
07
.
0
4
1
–
0
0
70
4
5
.
03
.
9
5
17
4
3
.
27
.
2
64
8
1
.
03
.
2
60
0
2
.
05
.
2
4
1
–
0
0
87
3
5
.
02
.
4
5
16
9
0
.
24
.
8
57
0
2
.
01
.
1
67
0
2
.
08
.
4
4
1
–
0
0
90
4
5
.
09
.
9
4
12
8
8
.
14
.
4
50
3
2
.
04
.
9
55
1
2
.
08
.
6
4
1
–
0
0
0
11
4
5
.
06
.
5
4
19
2
7
.
15
.
0
54
5
2
.
09
.
7
53
2
2
.
04
.
8
4
1
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
16
0
6
.
09
.
9
5
1
–1
4
1
.
5
11
.
0
0
16
4
0
.
09
.
0
59
6
3
.
02
.
2
0
1
–
0
0
22
7
5
.
01
.
4
7
1
–7
8
6
.
79
.
8
86
6
0
.
01
.
9
54
5
2
.
07
.
9
2
1
–
0
0
38
5
5
.
03
.
9
7
16
8
1
.
56
.
2
80
9
0
.
00
.
3
63
2
2
.
00
.
2
4
1
–
0
0
41
5
5
.
01
.
4
7
12
5
9
.
31
.
7
76
1
1
.
03
.
4
63
1
2
.
05
.
8
4
1
–
0
0
52
4
5
.
06
.
8
6
19
2
2
.
31
.
2
71
4
1
.
04
.
4
60
1
2
.
05
.
1
5
1
–
0
0
66
3
5
.
00
.
3
6
18
3
7
.
24
.
7
67
6
1
.
03
.
3
63
1
2
.
00
.
3
5
1
–
0
0
71
3
5
.
04
.
7
5
15
7
3
.
26
.
2
62
9
1
.
00
.
2
69
1
2
.
05
.
4
5
1
–
0
0
88
2
5
.
02
.
2
5
14
1
1
.
25
.
8
55
1
2
.
03
.
0
66
2
2
.
05
.
6
5
1
–
0
0
99
2
5
.
07
.
7
4
10
0
9
.
18
.
4
59
3
2
.
05
.
8
54
3
2
.
06
.
8
5
1
–
0
0
0
10
3
5
.
05
.
3
4
17
3
7
.
11
.
1
52
6
2
.
00
.
7
59
3
2
.
03
.
0
6
1
–



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com