Electronic Components Datasheet Search
  English  ▼

X  

2SC5551 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5551
Description  High-Frequency Medium-Output Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5551 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5551 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5551 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5551 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5551 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5551 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC5551
No.6328–2/5
Continued from preceding page.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
G
fT
V E
C
I
,
V
5
=
C
A
m
0
5
=
5
.
3z
H
G
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
1
=
9
.
20
.
4F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Re
r
CV B
C
z
H
M
1
=
f
,
V
0
1
=
5
.
1F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV E
C
)
t
a
s
(IC
I
,
A
m
0
5
=
B
A
m
5
=5
1
.
03
.
0V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV E
B
)
t
a
s
(IC
I
,
A
m
0
5
=
B
A
m
5
=9
.
02
.
1V
0
0
20
IC -- VCE
IT01066
IT01068
IT01070
IT01067
IT01069
IT01071
500µA
450µA
400µA
350
µA
300µA
250µA
200
µA
150
µA
100
µA
50
µA
40
60
80
100
4
12
8
16
20
1.0
10
hFE -- IC
2
3
5
7 10
2
3
5
7 100
2
3
5
7 1000
2
3
5
7
100
2
3
5
7
1000
VCE=5V
VCE=5V
1.0
0.01
VCE(sat) -- IC
2
3
5
7 10
2
3
5
7 100
2
3
5
7 1000
2
3
5
7
0.1
2
3
5
7
1.0
1.0
S21e2 -- IC
2
3
5
7 10
2
3
5
7 100
2
3
5
7 1000
0
2
4
6
8
10
12
14
16
18
20
f=200MHz
f=500MHz
1.0
1.0
Cob, Cre -- VCB
2
3
5
7
10
2
3
5
7
100
2
3
5
7
10
Cob
Cre
f=1MHz
VCE=5V
1.0
f T -- IC
2
3
5
7 10
2
3
5 7 100
2
3
5
7 1000
0.1
2
3
5
7
1.0
2
3
5
7
10
IC / IB=10
IB=0
Collector-to-Emitter Voltage, VCE –V
Collector Current, IC –mA
Collector Current, IC –mA
Collector-to-Base Voltage, VCB -- V
Collector Current, IC –mA
Collector Current, IC –A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com