Electronic Components Datasheet Search
  English  ▼

X  

LTC2463CDDPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2463CDDPBF
Description  Ultra-Tiny, 16-Bit I짼C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2463CDDPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2463CDDPBF Datasheet HTML 7Page - Linear Technology LTC2463CDDPBF Datasheet HTML 8Page - Linear Technology LTC2463CDDPBF Datasheet HTML 9Page - Linear Technology LTC2463CDDPBF Datasheet HTML 10Page - Linear Technology LTC2463CDDPBF Datasheet HTML 11Page - Linear Technology LTC2463CDDPBF Datasheet HTML 12Page - Linear Technology LTC2463CDDPBF Datasheet HTML 13Page - Linear Technology LTC2463CDDPBF Datasheet HTML 14Page - Linear Technology LTC2463CDDPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2461/LTC2463
11
24613f
APPLICATIONS INFORMATION
The START and STOP Conditions
A START (S) condition is generated by transitioning SDA
from HIGH to LOW while SCL is HIGH. The bus is consid-
ered to be busy after the START condition. When the data
transfer is finished, a STOP (P) condition is generated by
transitioning SDA from LOW to HIGH while SCL is HIGH.
The bus is free after a STOP is generated. START and STOP
conditions are always generated by the master.
When the bus is in use, it stays busy if a repeated START
(Sr) is generated instead of a STOP condition. The repeated
START timing is functionally identical to the START and
is used for reading from the device before the initiation
of a new conversion.
Data Transferring
After the START condition, the I2C bus is busy and data
transfer can begin between the master and the addressed
slave. Data is transferred over the bus in groups of nine
bits, one byte followed by one acknowledge (ACK) bit. The
master releases the SDA line during the ninth SCL clock
cycle. The slave device can issue an ACK by pulling SDA
LOW or issue a Not Acknowledge (NAK) by leaving the
SDA line HIGH impedance (the external pull-up resistor
will hold the line HIGH). Change of data only occurs while
the clock line (SCL) is LOW.
Output Data Format
After a START condition, the master sends a 7-bit address
followed by a read request (R) bit. The bit R is 1 for a
Read Request. If the 7-bit address matches the LTC2461/
LTC2463’saddress(0010100or1010100,dependingonthe
state of the pin A0) the ADC is selected. When the device is
addressed during the conversion state, it does not accept
the request and issues a NAK by leaving the SDA line HIGH.
If the conversion is complete, the LTC2461/LTC2463 issue
an ACK by pulling the SDA line LOW.
Following the ACK, the LTC2461/LTC2463 can output data.
The data output stream is 16 bits long and is shifted out
on the falling edges of SCL (see Figure 5a).
The DATA INPUT/OUTPUT state is concluded once all 16
data bits have been read or after a STOP condition.
The LTC2463 (differential input) output code is given by
32768 • (VIN+ – VIN–)/VREF + 32768. The first bit output
by the LTC2463, D15, is the MSB, which is 1 for VIN+ ≥
VIN– and 0 for VIN+ < VIN–. This bit is followed by succes-
sively less significant bits (D14, D13, …) until the LSB is
output by the LTC2463, see Table 1.
1
789
2
3
18
D8
D13
D14
MSB
D15
R
SDA
SCL
7-BIT
ADDRESS
START BY
MASTER
D7
D6
D5
D0
LSB
91
2
3
8
9
ACK BY
MASTER
NACK BY
MASTER
SLEEP
DATA OUTPUT
CONVERSION
24613 F05a
ACK BY
LTC2461/LTC2463
Figure 5a. Read Sequence Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com