Electronic Components Datasheet Search
  English  ▼

X  

LTC2463CDDPBF Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2463CDDPBF
Description  Ultra-Tiny, 16-Bit I짼C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2463CDDPBF Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2463CDDPBF Datasheet HTML 12Page - Linear Technology LTC2463CDDPBF Datasheet HTML 13Page - Linear Technology LTC2463CDDPBF Datasheet HTML 14Page - Linear Technology LTC2463CDDPBF Datasheet HTML 15Page - Linear Technology LTC2463CDDPBF Datasheet HTML 16Page - Linear Technology LTC2463CDDPBF Datasheet HTML 17Page - Linear Technology LTC2463CDDPBF Datasheet HTML 18Page - Linear Technology LTC2463CDDPBF Datasheet HTML 19Page - Linear Technology LTC2463CDDPBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC2461/LTC2463
17
24613f
Figure 12. LTC2463 Input Signal Attentuation vs Frequency
Figure 13. LTC2463 Input Signal Attenuation
vs Frequency (Low Frequencies)
APPLICATIONS INFORMATION
INPUT SIGNAL FREQUENCY (MHz)
0
–40
0
1.00
1.25
1.50
24613 F12
–60
–80
–20
–100
2.5
5.0
7.5
VCC = 5V
TA = 25°C
INPUT SIGNAL FREQUENCY (Hz)
0
–20
–10
0
480
24613 F13
–30
–40
–25
–15
–5
–35
–45
–50
120
60
240
180
360 420
540
300
600
VCC = 5V
TA = 25°C
Figure 10. Measured INL vs Input Voltage (CIN = 0.1μF)
Figure 11. Measured INL vs Input Voltage (CIN = 0)
DIFFERENTIAL INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
1
3
24613 F10
–1
0
2
–2
–3
0.25
0.75
1.25
CIN = 0.1μF
VCC = 5V
TA = 25°C
RS = 10k
RS = 1k
RS = 0k
DIFFERENTIAL INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
1
3
24613 F11
–1
0
2
–2
–3
0.25
0.75
1.25
CIN = 0
VCC = 5V
TA = 25°C
RS = 10k
RS = 1k
RS = 0k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com