Electronic Components Datasheet Search
  English  ▼

X  

LTC2463CDDPBF Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2463CDDPBF
Description  Ultra-Tiny, 16-Bit I짼C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2463CDDPBF Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2463CDDPBF Datasheet HTML 10Page - Linear Technology LTC2463CDDPBF Datasheet HTML 11Page - Linear Technology LTC2463CDDPBF Datasheet HTML 12Page - Linear Technology LTC2463CDDPBF Datasheet HTML 13Page - Linear Technology LTC2463CDDPBF Datasheet HTML 14Page - Linear Technology LTC2463CDDPBF Datasheet HTML 15Page - Linear Technology LTC2463CDDPBF Datasheet HTML 16Page - Linear Technology LTC2463CDDPBF Datasheet HTML 17Page - Linear Technology LTC2463CDDPBF Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC2461/LTC2463
14
24613f
APPLICATIONS INFORMATION
PRESERVING THE CONVERTER ACCURACY
The LTC2461/LTC2463 are designed to minimize the conver-
sion result’s sensitivity to device decoupling, PCB layout,
antialiasing circuits, line and frequency perturbations. Nev-
ertheless, in order to preserve the high accuracy capability
of this part, some simple precautions are desirable.
Digital Signal Levels
Due to the nature of CMOS logic, it is advisable to keep
input digital signals near GND or VCC. Voltages in the range
of 0.5V to VCC – 0.5V may result in additional current
leakage from the part. Undershoot and overshoot should
also be minimized, particularly while the chip is convert-
ing. Excessive noise on the digital lines could degrade the
ADC performance.
Driving VCC and GND
In relation to the VCC and GND pins, the LTC2461/LTC2463
combines internal high frequency decoupling with damping
elements, which reduce the ADC performance sensitivity
to PCB layout and external components. Nevertheless,
the very high accuracy of this converter is best pre-
served by careful low and high frequency power supply
decoupling.
A 0.1μF, high quality, ceramic capacitor in parallel with
a 10μF low ESR ceramic capacitor should be connected
between the VCC and GND pins, as close as possible to
the package. The 0.1μF capacitor should be placed closest
to the ADC package. It is also desirable to avoid any via
in the circuit path, starting from the converter VCC pin,
passing through these two decoupling capacitors, and
returning to the converter GND pin. The area encompassed
by this circuit path, as well as the path length, should be
minimized.
As shown in Figure 8, REF– is used as the negative refer-
ence voltage input to the ADC. This pin can be tied directly
to ground or Kelvined to sensor ground. In the case where
REF– is used as a sense input, it should be bypassed to
ground with a 0.1μF ceramic capacitor in parallel with a
10μF low ESR ceramic capacitor.
Very low impedance ground and power planes, and star
connections at both VCC and GND pins, are preferable.
The VCC pin should have two distinct connections: the
first to the decoupling capacitors described above, and
the second to the ground return for the power supply
voltage source.
REFOUT and COMP
The on-chip 1.25V precision reference is internally tied
to the LTC2461/LTC2463 converter’s reference input and
its output to the REFOUT pin. A 0.1μF capacitor should
be placed on the REFOUT pin. It is possible to reduce
this capacitor, but the transition noise increases. A 0.1μF
capacitor should also be placed on the COMP pin. This
pin is tied to an internal point in the reference and is used
for stability. In order for the reference to remain stable the
capacitor placed on the COMP pin must be greater than or
Figure 8. LTC2461/LTC2463 Analog Input/Reference
Equivalent Circuit
RSW
15k
(TYP)
ILEAK
ILEAK
VCC
VCC
VCC
VCC
CEQ
0.35pF
(TYP)
IN+
IN–
REF–
REFOUT
INTERNAL
REFERENCE
24613 F08
RSW
15k
(TYP)
ILEAK
ILEAK
RSW
15k
(TYP)
ILEAK
ILEAK
RSW
15k
(TYP)
ILEAK
ILEAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com