Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM81 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT90PWM81
Description  8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM81 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT90PWM81 Datasheet HTML 1Page - ATMEL Corporation AT90PWM81 Datasheet HTML 2Page - ATMEL Corporation AT90PWM81 Datasheet HTML 3Page - ATMEL Corporation AT90PWM81 Datasheet HTML 4Page - ATMEL Corporation AT90PWM81 Datasheet HTML 5Page - ATMEL Corporation AT90PWM81 Datasheet HTML 6Page - ATMEL Corporation AT90PWM81 Datasheet HTML 7Page - ATMEL Corporation AT90PWM81 Datasheet HTML 8Page - ATMEL Corporation AT90PWM81 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 325 page
background image
Features
• High Performance, Low Power AVR ® 8-bit Microcontroller
• Advanced RISC Architecture
– 131 Powerful Instructions - Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 1 MIPS Throughput per MHz
– On-chip 2-cycle Multiplier
• Data and Non-Volatile Program Memory
– 8K Bytes of In-System Programmable Program Memory Flash
• Endurance: 10,000 Write/Erase Cycles
• Lock bits protection
• Optional 2k Bytes Boot Code Section with Independent Lock Bits
• In-System Programming by On-chip Boot Program
• True Read-While-Write Operation
– 512 Bytes of In-System Programmable EEPROM,
• 4 bytes page size
– 256Bytes Internal SRAM
• On Chip Debug support (debugWIRE)
• Peripheral Features
– One 12-bit High Speed PSC (Power Stage Controllers with extended PSC2
features)
• Non overlapping inverted PWM output pins with flexible Dead-Time
• Variable PWM duty cycle and frequency
• Synchronous update of all PWM registers
• Enhanced resolution mode (16 bits)
• Additional register for ADC synchronization
• Input capture
• Four output pins and output matrix
– One 12-bit High Speed PSC (Power Stage Controller)
• Auto Stop function for event driven PFC implementation
• Non overlapping inverted PWM output pins with flexible Dead-Time
• Variable PWM duty cycle and frequency
• Synchronous update of all PWM registers
• Enhanced resolution mode (16 bits)
• Input capture
– One 16-bit simple General purpose Timer/Counter
– 10-bit ADC
• up to 11 single ended channels and 1 fully differential ADC channel pair
• Programmable gain (5x, 10x, 20x, 40x on differential channel)
• Internal reference voltage
– One 10-bit DAC
– Three Analog Comparator with
• Resistor-Array to adjust comparison voltage
• DAC to adjust comparison voltage
– One SPI
– 3 External interrupts
– Programmable Watchdog Timer with Separate On-Chip Oscillator
8-bit
Microcontroller
with 8K Bytes In-
System
Programmable
Flash
AT90PWM81
7734P–AVR–08/10


Similar Part No. - AT90PWM81

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM81 ATMEL-AT90PWM81 Datasheet
3Mb / 327P
Data and non-volatile program memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
Data and non-volatile program memory
More results

Similar Description - AT90PWM81

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8 ATMEL-ATMEGA8 Datasheet
5Mb / 303P
8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515 Datasheet
2Mb / 254P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
2Mb / 23P
8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24 Datasheet
4Mb / 238P
8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY828 ATMEL-ATTINY828_14 Datasheet
772Kb / 20P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com