Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM81 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT90PWM81
Description  8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM81 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT90PWM81 Datasheet HTML 35Page - ATMEL Corporation AT90PWM81 Datasheet HTML 36Page - ATMEL Corporation AT90PWM81 Datasheet HTML 37Page - ATMEL Corporation AT90PWM81 Datasheet HTML 38Page - ATMEL Corporation AT90PWM81 Datasheet HTML 39Page - ATMEL Corporation AT90PWM81 Datasheet HTML 40Page - ATMEL Corporation AT90PWM81 Datasheet HTML 41Page - ATMEL Corporation AT90PWM81 Datasheet HTML 42Page - ATMEL Corporation AT90PWM81 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 325 page
background image
39
7734P–AVR–08/10
AT90PWM81
5.5.2
CLKPR – Clock Prescaler Register
• Bit 7 – CLKPCE: Clock Prescaler Change Enable
The CLKPCE bit must be written to logic one to enable change of the CLKPS bits. The CLKPCE bit is
only updated when the other bits in CLKPR are simultaneously written to zero. CLKPCE is cleared by
hardware four cycles after it is written or when the CLKPS bits are written. Rewriting the CLKPCE bit
within this time-out period does neither extend the time-out period, nor clear the CLKPCE bit.
• Bits 6:4 – Res: Reserved Bits
These bits are reserved bits in the AT90PWM81 and will always read as zero.
• Bits 3:0 – CLKPS3:0: Clock Prescaler Select Bits 3 - 0
These bits define the division factor between the selected clock source and the internal system clock.
These bits can be written run-time to vary the clock frequency to suit the application requirements. As the
divider divides the master clock input to the MCU, the speed of all synchronous peripherals is reduced
when a division factor is used. The division factors are given in Table 5-10.
To avoid unintentional changes of clock frequency, a special write procedure must be followed to change
the CLKPS bits:
1.
Write the Clock Prescaler Change Enable (CLKPCE) bit to one and all other bits in CLKPR to
zero.
2.
Within four cycles, write the desired value to CLKPS while writing a zero to CLKPCE.
Interrupts must be disabled when changing prescaler setting in order not to disturb the procedure.
The CKDIV8 Fuse determines the initial value of the CLKPS bits. If CKDIV8 is unprogrammed, the
CLKPS bits will be reset to “0000”. If CKDIV8 is programmed, CLKPS bits are reset to “0011”, giving a
division factor of eight at start up. This feature should be used if the selected clock source has a higher fre-
quency than the maximum frequency of the device at the present operating conditions. Note that any value
can be written to the CLKPS bits regardless of the CKDIV8 Fuse setting. The Application software must
ensure that a sufficient division factor is chosen if the selected clock source has a higher frequency than
the maximum frequency of the device at the present operating conditions. The device is shipped with the
CKDIV8 Fuse programmed.
Bit
7
6
5
4
3210
CLKPCE
–
–
–
CLKPS3
CLKPS2
CLKPS1
CLKPS0
CLKPR
Read/Write
R/W
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
See Bit Description
Table 5-10.
Clock Prescaler Select
CLKPS3
CLKPS2
CLKPS1
CLKPS0
Clock Division Factor
00
00
1
00
01
2
00
10
4
00
11
8
01
00
16
01
01
32
01
10
64
01
11
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com